| Electronic Components Datasheet Search |
|
SH7261 Datasheet(PDF) 498 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7261 Datasheet(HTML) 498 Page - Renesas Technology Corp |
|
498 / 1348 page ![]() Section 12 Multi-Function Timer Pulse Unit 2 (MTU2) Rev. 2.00 Sep. 07, 2007 Page 466 of 1312 REJ09B0320-0200 12.4.2 Synchronous Operation In synchronous operation, the values in a number of TCNT counters can be rewritten simultaneously (synchronous presetting). Also, a number of TCNT counters can be cleared simultaneously by making the appropriate setting in TCR (synchronous clearing). Synchronous operation enables TGR to be incremented with respect to a single time base. Channels 0 to 4 can all be designated for synchronous operation. Channel 5 cannot be used for synchronous operation. (1) Example of Synchronous Operation Setting Procedure: Figure 12.12 shows an example of the synchronous operation setting procedure. No Yes Set synchronous operation <Synchronous presetting> <Counter clearing> <Synchronous clearing> Clearing source generation channel? Select counter clearing source Start count Set synchronous counter clearing Start count [1] [3] [5] [4] [5] [2] Synchronous operation selection [1] Set to 1 the SYNC bits in TSYR corresponding to the channels to be designated for synchronous operation. [2] When the TCNT counter of any of the channels designated for synchronous operation is written to, the same value is simultaneously written to the other TCNT counters. [3] Use bits CCLR2 to CCLR0 in TCR to specify TCNT clearing by input capture/output compare, etc. [4] Use bits CCLR2 to CCLR0 in TCR to designate synchronous clearing for the counter clearing source. [5] Set to 1 the CST bits in TSTR for the relevant channels, to start the count operation. Set TCNT Synchronous presetting Synchronous clearing Figure 12.12 Example of Synchronous Operation Setting Procedure |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |