Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 496 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 496 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 492Page - Renesas Technology Corp SH7261 Datasheet HTML 493Page - Renesas Technology Corp SH7261 Datasheet HTML 494Page - Renesas Technology Corp SH7261 Datasheet HTML 495Page - Renesas Technology Corp SH7261 Datasheet HTML 496Page - Renesas Technology Corp SH7261 Datasheet HTML 497Page - Renesas Technology Corp SH7261 Datasheet HTML 498Page - Renesas Technology Corp SH7261 Datasheet HTML 499Page - Renesas Technology Corp SH7261 Datasheet HTML 500Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 496 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 464 of 1312
REJ09B0320-0200
(3)
Input Capture Function:
The TCNT value can be transferred to TGR on detection of the TIOC pin input edge.
Rising edge, falling edge, or both edges can be selected as the detected edge. For channels 0 and 1,
it is also possible to specify another channel's counter input clock or compare match signal as the
input capture source.
Note:
When another channel's counter input clock is used as the input capture input for channels
0 and 1, P
φ/1 should not be selected as the counter input clock used for input capture
input. Input capture will not be generated if P
φ/1 is selected.
(a)
Example of Input Capture Operation Setting Procedure
Figure 12.10 shows an example of the input capture operation setting procedure.
Input selection
Select input capture input
Start count
<Input capture operation>
[1]
[2]
[1] Designate TGR as an input capture
register by means of TIOR, and select
rising edge, falling edge, or both edges
as the input capture source and input
signal edge.
[2] Set the CST bit in TSTR to 1 to start
the count operation.
Figure 12.10 Example of Input Capture Operation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com