Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 492 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 492 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 488Page - Renesas Technology Corp SH7261 Datasheet HTML 489Page - Renesas Technology Corp SH7261 Datasheet HTML 490Page - Renesas Technology Corp SH7261 Datasheet HTML 491Page - Renesas Technology Corp SH7261 Datasheet HTML 492Page - Renesas Technology Corp SH7261 Datasheet HTML 493Page - Renesas Technology Corp SH7261 Datasheet HTML 494Page - Renesas Technology Corp SH7261 Datasheet HTML 495Page - Renesas Technology Corp SH7261 Datasheet HTML 496Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 492 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 460 of 1312
REJ09B0320-0200
12.4
Operation
12.4.1
Basic Functions
Each channel has a TCNT and TGR register. TCNT performs up-counting, and is also capable of
free-running operation, cycle counting, and external event counting.
Each TGR can be used as an input capture register or output compare register.
Always select MTU2 external pins set function using the pin function controller (PFC).
(1)
Counter Operation
When one of bits CST0 to CST4 in TSTR or bits CSTU5, CSTV5, and CSTW5 in TSTR_5 is set
to 1, the TCNT counter for the corresponding channel begins counting. TCNT can operate as a
free-running counter, periodic counter, for example.
(a)
Example of Count Operation Setting Procedure
Figure 12.4 shows an example of the count operation setting procedure.
Operation selection
Select counter clock
Periodic counter
Select counter clearing
source
Select output compare
register
Set period
Free-running counter
Start count operation
<Free-running counter>
<Periodic counter>
Start count operation
[1]
[2]
[3]
[4]
[5]
[5]
[1] Select the counter clock
with bits TPSC2 to TPSC0
in TCR. At the same time,
select the input clock edge
with bits CKEG1 and
CKEG0 in TCR.
[2] For periodic counter
operation, select the TGR
to be used as the TCNT
clearing source with bits
CCLR2 to CCLR0 in TCR.
[3] Designate the TGR
selected in [2] as an output
compare register by means
of TIOR.
[4] Set the periodic counter
cycle in the TGR selected
in [2].
[5] Set the CST bit in TSTR to
1 to start the counter
operation.
Figure 12.4 Example of Counter Operation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com