Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 608 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 608 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 604Page - Renesas Technology Corp SH7261 Datasheet HTML 605Page - Renesas Technology Corp SH7261 Datasheet HTML 606Page - Renesas Technology Corp SH7261 Datasheet HTML 607Page - Renesas Technology Corp SH7261 Datasheet HTML 608Page - Renesas Technology Corp SH7261 Datasheet HTML 609Page - Renesas Technology Corp SH7261 Datasheet HTML 610Page - Renesas Technology Corp SH7261 Datasheet HTML 611Page - Renesas Technology Corp SH7261 Datasheet HTML 612Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 608 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 576 of 1312
REJ09B0320-0200
(6)
Operation when Error Occurs during Normal Mode Operation, and Operation is
Restarted in Reset-Synchronized PWM Mode
Figure 12.130 shows an explanatory diagram of the case where an error occurs in normal mode
and operation is restarted in reset-synchronized PWM mode after re-setting.
1
Power-on
reset
2
TMDR
(normal)
3
TOER
(1)
5
PFC
(MTU2)
4
TIOR
(1 init
0 out)
6
TSTR
(1)
7
Match
8
Error
occurs
9
PFC
(PORT)
10
TSTR
(0)
11
TIOR
(0 init
0 out)
12
TIOR
(disabled)
13
TOER
(0)
14
TOCR
15
TMDR
(RPWM)
16
TOER
(1)
17
PFC
(MTU2)
18
TSTR
(1)
MTU2
module output
TIOC3A
TIOC3B
TIOC3D
Port output
PB17
PB16
PB19
High-Z
High-Z
High-Z
Figure 12.130 Error Occurrence in Normal Mode,
Recovery in Reset-Synchronized PWM Mode
1 to 13 are the same as in figure 12.125.
14. Select the reset-synchronized PWM output level and cyclic output enabling/disabling with
TOCR.
15. Set reset-synchronized PWM.
16. Enable channel 3 and 4 output with TOER.
17. Set MTU2 output with the PFC.
18. Operation is restarted by TSTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com