Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 605 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 605 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 601Page - Renesas Technology Corp SH7261 Datasheet HTML 602Page - Renesas Technology Corp SH7261 Datasheet HTML 603Page - Renesas Technology Corp SH7261 Datasheet HTML 604Page - Renesas Technology Corp SH7261 Datasheet HTML 605Page - Renesas Technology Corp SH7261 Datasheet HTML 606Page - Renesas Technology Corp SH7261 Datasheet HTML 607Page - Renesas Technology Corp SH7261 Datasheet HTML 608Page - Renesas Technology Corp SH7261 Datasheet HTML 609Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 605 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 573 of 1312
REJ09B0320-0200
(3)
Operation when Error Occurs during Normal Mode Operation, and Operation is
Restarted in PWM Mode 2
Figure 12.127 shows an explanatory diagram of the case where an error occurs in normal mode
and operation is restarted in PWM mode 2 after re-setting.
1
Power-on
reset
PB, PC, PD*1
PB, PC, PD*2
Notes: 1. This pin is multiplexed with TIOC*A.
2. This pin is multiplexed with TIOC*B.
2
TMDR
(normal)
3
TOER
(1)
5
PFC
(MTU2)
4
TIOR
(1 init
0 out)
6
TSTR
(1)
7
Match
8
Error
occurs
9
PFC
(PORT)
10
TSTR
(0)
11
TMDR
(PWM2)
12
TIOR
(1 init
0 out)
13
PFC
(MTU2)
14
TSTR
(1)
MTU2
module output
TIOC*A
TIOC*B
Port output
Not initialized (cycle register)
High-Z
High-Z
Figure 12.127 Error Occurrence in Normal Mode, Recovery in PWM Mode 2
1 to 10 are the same as in figure 12.125.
11. Set PWM mode 2.
12. Initialize the pins with TIOR. (In PWM mode 2, the cycle register pins are not initialized. If
initialization is required, initialize in normal mode, then switch to PWM mode 2.)
13. Set MTU2 output with the PFC.
14. Operation is restarted by TSTR.
Note:
PWM mode 2 can only be set for channels 0 to 2, and therefore TOER setting is not
necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com