Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 601 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 601 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 597Page - Renesas Technology Corp SH7261 Datasheet HTML 598Page - Renesas Technology Corp SH7261 Datasheet HTML 599Page - Renesas Technology Corp SH7261 Datasheet HTML 600Page - Renesas Technology Corp SH7261 Datasheet HTML 601Page - Renesas Technology Corp SH7261 Datasheet HTML 602Page - Renesas Technology Corp SH7261 Datasheet HTML 603Page - Renesas Technology Corp SH7261 Datasheet HTML 604Page - Renesas Technology Corp SH7261 Datasheet HTML 605Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 601 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 569 of 1312
REJ09B0320-0200
12.8.3
Operation in Case of Re-Setting Due to Error During Operation, etc.
If an error occurs during MTU2 operation, MTU2 output should be cut by the system. Cutoff is
performed by switching the pin output to port output with the PFC and outputting the inverse of
the active level. The pin initialization procedures for re-setting due to an error during operation,
etc., and the procedures for restarting in a different mode after re-setting, are shown below.
The MTU2 has six operating modes, as stated above. There are thus 36 mode transition
combinations, but some transitions are not available with certain channel and mode combinations.
Possible mode transition combinations are shown in table 12.59.
Table 12.59 Mode Transition Combinations
After
Before
Normal
PWM1
PWM2
PCM
CPWM
RPWM
Normal
(1)
(2)
(3)
(4)
(5)
(6)
PWM1
(7)
(8)
(9)
(10)
(11)
(12)
PWM2
(13)
(14)
(15)
(16)
None
None
PCM
(17)
(18)
(19)
(20)
None
None
CPWM
(21)
(22)
None
None
(23) (24)
(25)
RPWM
(26)
(27)
None
None
(28)
(29)
[Legend]
Normal: Normal mode
PWM1: PWM mode 1
PWM2: PWM mode 2
PCM:
Phase counting modes 1 to 4
CPWM: Complementary PWM mode
RPWM: Reset-synchronized PWM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com