Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 603 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 603 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 599Page - Renesas Technology Corp SH7261 Datasheet HTML 600Page - Renesas Technology Corp SH7261 Datasheet HTML 601Page - Renesas Technology Corp SH7261 Datasheet HTML 602Page - Renesas Technology Corp SH7261 Datasheet HTML 603Page - Renesas Technology Corp SH7261 Datasheet HTML 604Page - Renesas Technology Corp SH7261 Datasheet HTML 605Page - Renesas Technology Corp SH7261 Datasheet HTML 606Page - Renesas Technology Corp SH7261 Datasheet HTML 607Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 603 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 571 of 1312
REJ09B0320-0200
Figure 12.125 shows an explanatory diagram of the case where an error occurs in normal mode
and operation is restarted in normal mode after re-setting.
1
Power-on
reset
2
TMDR
(normal)
3
TOER
(1)
5
PFC
(MTU2)
4
TIOR
(1 init
0 out)
6
TSTR
(1)
7
Match
8
Error
occurs
9
PFC
(PORT)
10
TSTR
(0)
11
TMDR
(normal)
12
TIOR
(1 init
0 out)
13
PFC
(MTU2)
14
TSTR
(1)
MTU2
module output
TIOC*A
TIOC*B
Port output
PB, PC, PD*1
High-Z
High-Z
PB, PC, PD*2
Notes: 1. This pin is multiplexed with TIOC*A.
2. This pin is multiplexed with TIOC*B.
Figure 12.125 Error Occurrence in Normal Mode, Recovery in Normal Mode
1.
After a power-on reset, MTU2 output is low and ports are in the high-impedance state.
2.
After a power-on reset, the TMDR setting is for normal mode.
3.
For channels 3 and 4, enable output with TOER before initializing the pins with TIOR.
4.
Initialize the pins with TIOR. (The example shows initial high output, with low output on
compare-match occurrence.)
5.
Set MTU2 output with the PFC.
6.
The count operation is started by TSTR.
7.
Output goes low on compare-match occurrence.
8.
An error occurs.
9.
Set port output with the PFC and output the inverse of the active level.
10. The count operation is stopped by TSTR.
11. Not necessary when restarting in normal mode.
12. Initialize the pins with TIOR.
13. Set MTU2 output with the PFC.
14. Operation is restarted by TSTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com