Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 600 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 600 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 596Page - Renesas Technology Corp SH7261 Datasheet HTML 597Page - Renesas Technology Corp SH7261 Datasheet HTML 598Page - Renesas Technology Corp SH7261 Datasheet HTML 599Page - Renesas Technology Corp SH7261 Datasheet HTML 600Page - Renesas Technology Corp SH7261 Datasheet HTML 601Page - Renesas Technology Corp SH7261 Datasheet HTML 602Page - Renesas Technology Corp SH7261 Datasheet HTML 603Page - Renesas Technology Corp SH7261 Datasheet HTML 604Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 600 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 568 of 1312
REJ09B0320-0200
12.8
MTU2 Output Pin Initialization
12.8.1
Operating Modes
The MTU2 has the following six operating modes. Waveform output is possible in all of these
modes.
• Normal mode (channels 0 to 4)
• PWM mode 1 (channels 0 to 4)
• PWM mode 2 (channels 0 to 2)
• Phase counting modes 1 to 4 (channels 1 and 2)
• Complementary PWM mode (channels 3 and 4)
• Reset-synchronized PWM mode (channels 3 and 4)
The MTU2 output pin initialization method for each of these modes is described in this section.
12.8.2
Reset Start Operation
The MTU2 output pins (TIOC*) are initialized low by a power-on reset. Since MTU2 pin function
selection is performed by the pin function controller (PFC), when the PFC is set, the MTU2 pin
states at that point are output to the ports. When MTU2 output is selected by the PFC immediately
after a power-on reset, the MTU2 output initial level, low, is output directly at the port. When the
active level is low, the system will operate at this point, and therefore the PFC setting should be
made after initialization of the MTU2 output pins is completed.
Note:
Channel number and port notation are substituted for *.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com