Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 628 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 628 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 624Page - Renesas Technology Corp SH7261 Datasheet HTML 625Page - Renesas Technology Corp SH7261 Datasheet HTML 626Page - Renesas Technology Corp SH7261 Datasheet HTML 627Page - Renesas Technology Corp SH7261 Datasheet HTML 628Page - Renesas Technology Corp SH7261 Datasheet HTML 629Page - Renesas Technology Corp SH7261 Datasheet HTML 630Page - Renesas Technology Corp SH7261 Datasheet HTML 631Page - Renesas Technology Corp SH7261 Datasheet HTML 632Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 628 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 596 of 1312
REJ09B0320-0200
(26) Operation when Error Occurs during Reset-Synchronized PWM Mode Operation, and
Operation is Restarted in Normal Mode
Figure 12.150 shows an explanatory diagram of the case where an error occurs in reset-
synchronized PWM mode and operation is restarted in normal mode after re-setting.
1
Power-on
reset
MTU2
module output
PB17
PB16
PB19
2
TOCR
3
TMDR
(RPWM)
5
PFC
(MTU2)
4
TOER
(1)
6
TSTR
(1)
7
Match
8
Error
occurs
9
PFC
(PORT)
10
TSTR
(0)
11
TMDR
(normal)
12
TIOR
(1 init
0 out)
13
PFC
(MTU2)
14
TSTR
(1)
TIOC3A
TIOC3B
TIOC3D
Port output
High-Z
High-Z
High-Z
Figure 12.150 Error Occurrence in Reset-Synchronized PWM Mode,
Recovery in Normal Mode
1.
After a power-on reset, MTU2 output is low and ports are in the high-impedance state.
2.
Select the reset-synchronized PWM output level and cyclic output enabling/disabling with
TOCR.
3.
Set reset-synchronized PWM.
4.
Enable channel 3 and 4 output with TOER.
5.
Set MTU2 output with the PFC.
6.
The count operation is started by TSTR.
7.
The reset-synchronized PWM waveform is output on compare-match occurrence.
8.
An error occurs.
9.
Set port output with the PFC and output the inverse of the active level.
10. The count operation is stopped by TSTR. (MTU2 output becomes the reset-synchronized
PWM output initial value.)
11. Set normal mode. (MTU2 positive phase output is low, and negative phase output is high.)
12. Initialize the pins with TIOR.
13. Set MTU2 output with the PFC.
14. Operation is restarted by TSTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com