Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 631 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 631 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 627Page - Renesas Technology Corp SH7261 Datasheet HTML 628Page - Renesas Technology Corp SH7261 Datasheet HTML 629Page - Renesas Technology Corp SH7261 Datasheet HTML 630Page - Renesas Technology Corp SH7261 Datasheet HTML 631Page - Renesas Technology Corp SH7261 Datasheet HTML 632Page - Renesas Technology Corp SH7261 Datasheet HTML 633Page - Renesas Technology Corp SH7261 Datasheet HTML 634Page - Renesas Technology Corp SH7261 Datasheet HTML 635Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 631 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 599 of 1312
REJ09B0320-0200
(29) Operation when Error Occurs during Reset-Synchronized PWM Mode Operation, and
Operation is Restarted in Reset-Synchronized PWM Mode
Figure 12.153 shows an explanatory diagram of the case where an error occurs in reset-
synchronized PWM mode and operation is restarted in reset-synchronized PWM mode after re-
setting.
1
Power-on
reset
2
TOCR
3
TMDR
(RPWM)
5
PFC
(MTU2)
4
TOER
(1)
6
TSTR
(1)
7
Match
8
Error
occurs
9
PFC
(PORT)
10
TSTR
(0)
11
PFC
(MTU2)
12
TSTR
(1)
13
Match
MTU2
module output
TIOC3A
TIOC3B
TIOC3D
Port output
PB17
PB16
PB19
High-Z
High-Z
High-Z
High-Z
High-Z
High-Z
Figure 12.153 Error Occurrence in Reset-Synchronized PWM Mode,
Recovery in Reset-Synchronized PWM Mode
1 to 10 are the same as in figure 12.150.
11. Set MTU2 output with the PFC.
12. Operation is restarted by TSTR.
13. The reset-synchronized PWM waveform is output on compare-match occurrence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com