Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 633 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 633 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 629Page - Renesas Technology Corp SH7261 Datasheet HTML 630Page - Renesas Technology Corp SH7261 Datasheet HTML 631Page - Renesas Technology Corp SH7261 Datasheet HTML 632Page - Renesas Technology Corp SH7261 Datasheet HTML 633Page - Renesas Technology Corp SH7261 Datasheet HTML 634Page - Renesas Technology Corp SH7261 Datasheet HTML 635Page - Renesas Technology Corp SH7261 Datasheet HTML 636Page - Renesas Technology Corp SH7261 Datasheet HTML 637Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 633 / 1348 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 2.00 Sep. 07, 2007 Page 601 of 1312
REJ09B0320-0200
Section 13 8-Bit Timers (TMR)
This LSI has an on-chip 2-channel 8-bit timer based on an 8-bit counter. It can be used to count
external events and, using compare-match signals with two registers, as a multifunction timer in a
variety of applications, such as the generation of counter resets, interrupt requests, and pulse
output with a user-defined duty cycle.
Figure 13.1 shows a block diagram of the 8-bit timer.
13.1
Features
• Selection of seven clock sources
The counters can be driven by one of six internal clock signals (P
φ/8, Pφ/64, Pφ/8192, Pφ/2,
P
φ/32, or Pφ/1024) or an external clock input.
• Selection of three ways to clear the counters
The counters can be cleared on compare match A or B, or by an external reset signal.
• Timer output control by a combination of two compare match signals
The timer output signal in each channel is controlled by a combination of two independent
compare match signals, enabling the timer to output pulses with a desired duty cycle or PWM
output.
• Cascading of two channels (TMR_0 and TMR_1)
Operation as a 16-bit timer is possible, using TMR_0 for the upper 8 bits and TMR_1 for the
lower 8 bits (16-bit count mode).
TMR_1 can be used to count TMR_0 compare matches (compare match count mode).
• Three interrupt sources
Compare match A, compare match B, and overflow interrupts can be requested independently.
• Generation of trigger to start A/D converter conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com