Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 637 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 637 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 633Page - Renesas Technology Corp SH7261 Datasheet HTML 634Page - Renesas Technology Corp SH7261 Datasheet HTML 635Page - Renesas Technology Corp SH7261 Datasheet HTML 636Page - Renesas Technology Corp SH7261 Datasheet HTML 637Page - Renesas Technology Corp SH7261 Datasheet HTML 638Page - Renesas Technology Corp SH7261 Datasheet HTML 639Page - Renesas Technology Corp SH7261 Datasheet HTML 640Page - Renesas Technology Corp SH7261 Datasheet HTML 641Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 637 / 1348 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 2.00 Sep. 07, 2007 Page 605 of 1312
REJ09B0320-0200
13.3.3
Time Constant Register B (TCORB)
TCORB is an 8-bit readable/writable register. TCORB_0 and TCORB_1 comprise a single 16-bit
register so they can be accessed together by a word transfer instruction. TCORB is continually
compared with the value in TCNT. When a match is detected, the corresponding CMFB flag in
TCSR is set to 1. Note however that comparison is disabled during the T2 state of a TCORB write
cycle. The timer output from the TMO pin can be freely controlled by this compare match signal
(compare match B) and the settings of bits OS3 and OS2 in TCSR. TCORB is initialized to H'FF.
0
1
2
3
4
5
6
7
1111111111111111
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
0
1
2
3
4
5
6
7
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TCORB_0
TCORB_1
13.3.4
Timer Control Register (TCR)
TCR selects the TCNT clock source and the condition for clearing TCNT, and enables/disables
interrupt requests.
0
0
0
0
0
0
0
0
0
CKS[2:0]
CCLR[1:0]
OVIE
CMIEA
CMIEB
1
2
3
4
5
6
7
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Bit
Bit Name
Initial
Value
R/W
Description
7
CMIEB
0
R/W
Compare Match Interrupt Enable B
Selects whether CMFB interrupt requests (CMIB) are
enabled or disabled when the CMFB flag in TCSR is
set to 1.
0: CMFB interrupt requests (CMIB) are disabled
1: CMFB interrupt requests (CMIB) are enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com