Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 638 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 638 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 634Page - Renesas Technology Corp SH7261 Datasheet HTML 635Page - Renesas Technology Corp SH7261 Datasheet HTML 636Page - Renesas Technology Corp SH7261 Datasheet HTML 637Page - Renesas Technology Corp SH7261 Datasheet HTML 638Page - Renesas Technology Corp SH7261 Datasheet HTML 639Page - Renesas Technology Corp SH7261 Datasheet HTML 640Page - Renesas Technology Corp SH7261 Datasheet HTML 641Page - Renesas Technology Corp SH7261 Datasheet HTML 642Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 638 / 1348 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 2.00 Sep. 07, 2007 Page 606 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
6
CMIEA
0
R/W
Compare Match Interrupt Enable A
Selects whether CMFA interrupt requests (CMIA) are
enabled or disabled when the CMFA flag in TCSR is
set to 1.
0: CMFA interrupt requests (CMIA) are disabled
1: CMFA interrupt requests (CMIA) are enabled
5
OVIE
0
R/W
Timer Overflow Interrupt Enable
Selects whether OVF interrupt requests (OVI) are
enabled or disabled when the OVF flag in TCSR is set
to 1.
0: OVF interrupt requests (OVI) are disabled
1: OVF interrupt requests (OVI) are enabled
4, 3
CCLR[1:0]
00
R/W
Counter Clear 1 and 0*
These bits select the method by which TCNT is
cleared.
00: Clearing is disabled
01: Cleared by compare match A
10: Cleared by compare match B
11: Cleared at rising edge (TMRIS in TCCR is cleared
to 0) of the external reset input or when the external
reset input is high (TMRIS in TCCR is set to 1)
2 to 0
CKS[2:0]
000
R/W
Clock Select 2 to 0*
These bits select the clock input to TCNT and count
condition. See table 13.2.
Note:
*
To use an external reset or external clock, the function of the corresponding pin should
be selected using the pin function controller (PFC). For details, see section 25, Pin
Function Controller (PFC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com