Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 641 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 641 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 637Page - Renesas Technology Corp SH7261 Datasheet HTML 638Page - Renesas Technology Corp SH7261 Datasheet HTML 639Page - Renesas Technology Corp SH7261 Datasheet HTML 640Page - Renesas Technology Corp SH7261 Datasheet HTML 641Page - Renesas Technology Corp SH7261 Datasheet HTML 642Page - Renesas Technology Corp SH7261 Datasheet HTML 643Page - Renesas Technology Corp SH7261 Datasheet HTML 644Page - Renesas Technology Corp SH7261 Datasheet HTML 645Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 641 / 1348 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 2.00 Sep. 07, 2007 Page 609 of 1312
REJ09B0320-0200
TCR
TCCR
Channel
Bit 2
CKS2
Bit 1
CKS1
Bit 0
CKS0
Bit 1
ICKS1
Bit 0
ICKS0
Description
All
1
0
1
Uses external clock. Counts at rising edge*
2.
1
1
0
Uses external clock. Counts at falling edge*
2.
1
1
1
Uses external clock. Counts at both rising and falling
edges*
2.
Notes: 1. If the clock input of TMR_0 is the TCNT_1 overflow signal and that of TMR_1 is the
TCNT_0 compare match signal, no incrementing clock is generated. Do not use this
setting.
2. To use the external clock, the function of the corresponding pin should be selected
using the pin function controller (PFC). For details, see section 25, Pin Function
Controller (PFC).
13.3.6
Timer Control/Status Register (TCSR)
TCSR displays status flags, and controls compare match output.
• TCSR_0
0
0
0
0
0
0
0
0
0
OS[1:0]
OS[3:2]
ADTE
OVF
CMFA
CMFB
1
2
3
4
5
6
7
R/(W)*R/(W)*R/(W)* R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Note:
* Only 0 can be written to this bit, to clear the flag.
• TCSR_1
0
0
0
0
0
0
0
0
0
OS[1:0]
OS[3:2]
—
OVF
CMFA
CMFB
1
2
3
4
5
6
7
R/(W)*R/(W)*R/(W)*
R
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Note:
* Only 0 can be written to this bit, to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com