Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1091 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1091 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1087Page - Renesas Technology Corp SH7261 Datasheet HTML 1088Page - Renesas Technology Corp SH7261 Datasheet HTML 1089Page - Renesas Technology Corp SH7261 Datasheet HTML 1090Page - Renesas Technology Corp SH7261 Datasheet HTML 1091Page - Renesas Technology Corp SH7261 Datasheet HTML 1092Page - Renesas Technology Corp SH7261 Datasheet HTML 1093Page - Renesas Technology Corp SH7261 Datasheet HTML 1094Page - Renesas Technology Corp SH7261 Datasheet HTML 1095Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1091 / 1348 page
background image
Section 24 I/O Ports
Rev. 2.00 Sep. 07, 2007 Page 1059 of 1312
REJ09B0320-0200
24.6.2
Port F Data Register (PFDR)
PFDR is a 16-bit read-only register that stores the port F data. Bits PF7DR to PF0DR correspond
to pins PF7 to PF0, respectively.
If a pin is set to the general output function, the pin will output the value written to the
corresponding bit in PFDR, and the register value is read from PFDR regardless of the state of the
pin.
If a pin is set to the general input function, the pin state, not the register value, will be returned if
PFDR is read. Also, if a value is written to PFDR, although the value will actually be written, it
will have no influence on the state of the pin. Table 24.11 summarizes the PFDR read/write
operations.
PFDR is initialized to H'0000 by a power-on reset or in deep standby mode. This register is not
initialized either by a manual reset or by switching to sleep mode or software standby mode.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit:
Initial value:
R/W:
0000000000000000
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
————————
PF7
DR
PF6
DR
PF5
DR
PF4
DR
PF3
DR
PF2
DR
PF1
DR
PF0
DR
Table 24.11 Port F Data Register (PFDR) Read/Write Operations
PFIOR
Pin Function
Read
Write
0
General input
Pin state
The value is written to PFDR but there is
no effect on the pin state.
Other than general
input
Pin state
The value is written to PFDR but there is
no effect on the pin state.
1
General output
Value of PFDR
The value written is output from the pin.
Other than general
output
Value of PFDR
The value is written to PFDR but there is
no effect on the pin state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com