Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1088 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1088 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1084Page - Renesas Technology Corp SH7261 Datasheet HTML 1085Page - Renesas Technology Corp SH7261 Datasheet HTML 1086Page - Renesas Technology Corp SH7261 Datasheet HTML 1087Page - Renesas Technology Corp SH7261 Datasheet HTML 1088Page - Renesas Technology Corp SH7261 Datasheet HTML 1089Page - Renesas Technology Corp SH7261 Datasheet HTML 1090Page - Renesas Technology Corp SH7261 Datasheet HTML 1091Page - Renesas Technology Corp SH7261 Datasheet HTML 1092Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1088 / 1348 page
background image
Section 24 I/O Ports
Rev. 2.00 Sep. 07, 2007 Page 1056 of 1312
REJ09B0320-0200
24.4.3
Port D Port Registers H and L (PDPRH and PDPRL)
PDPRH and PDPRL are 16-bit read-only registers in which bits PD16PR to PD0PR correspond to
pins PD16 to PD0. PDPRH and PDPRL are always read as the states of the pins regardless of the
PFC setting.
Bits 15 to 1 in PDPRH are reserved. These bits are read as 0. The write value should always be 0.
• Port D Port Register H (PDPRH)
15
14
13
12
11
10
987654321
0
Bit:
Initial value:
R/W:
000000000000000
PD16
RRRRRRRRRRRRRRRR
———————————————
PD16
PR
• Port D Port Register L (PDPRL)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit:
Initial value:
R/W:
PD15 PD14 PD13 PD12 PD11 PD10
PD9
PD8
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
RRRRRRRRRRRRRRRR
PD15
DR
PD14
DR
PD13
DR
PD12
DR
PD11
DR
PD10
DR
PD9
DR
PD8
DR
PD7
DR
PD6
DR
PD5
DR
PD4
DR
PD3
DR
PD2
DR
PD1
DR
PD0
DR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com