Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1086 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1086 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1082Page - Renesas Technology Corp SH7261 Datasheet HTML 1083Page - Renesas Technology Corp SH7261 Datasheet HTML 1084Page - Renesas Technology Corp SH7261 Datasheet HTML 1085Page - Renesas Technology Corp SH7261 Datasheet HTML 1086Page - Renesas Technology Corp SH7261 Datasheet HTML 1087Page - Renesas Technology Corp SH7261 Datasheet HTML 1088Page - Renesas Technology Corp SH7261 Datasheet HTML 1089Page - Renesas Technology Corp SH7261 Datasheet HTML 1090Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1086 / 1348 page
background image
Section 24 I/O Ports
Rev. 2.00 Sep. 07, 2007 Page 1054 of 1312
REJ09B0320-0200
24.4
Port D
Port D is an I/O port with 17 pins shown in figure 24.4.
Port D
PD16 (Input) / SCL2 (I/O)
PD15 (Input) / SDA2 (I/O)
PD14 (I/O) / IERxD (Input) / DACK1 (Output)
PD13 (I/O) / IETxD (Output) / DREQ1 (Input)
PD12 (I/O) / TMCI1 (Input) / SCK1 (I/O)
PD11 (I/O) / TMRI1 (Input) / RxD1 (Input)
PD10 (I/O) / TMO1 (Output) / TIOC0D (I/O) / TxD1 (Output)
PD9 (I/O) / TIOC0C (I/O) / SCK0 (I/O)
PD8 (I/O) / TIOC0B (I/O) / RxD0 (Input) / DTEND1 (Output)
PD7 (I/O) / TIOC0A (I/O) / TxD0 (Output) / DACT1 (Output)
PD6 (I/O) / SCK4 (I/O) / SSIWS1 (I/O)
PD5 (I/O) / RxD4 (Input) / SSISCK1 (I/O)
PD4 (I/O) / TxD4 (Output) / SSIDATA1 (I/O)
PD3 (I/O) / SSIWS0 (I/O)
PD2 (I/O) / SSISCK0 (I/O)
PD1 (I/O) / SSIDATA0 (I/O)
PD0 (I/O) / AUDIO_CLK (Input)
Figure 24.4 Port D
24.4.1
Register Configuration
Table 24.7 lists the port D registers.
Table 24.7
Register Configuration
Register Name
Abbreviation
R/W
Address
Access Size
Port D data register
PDDR
R/W
H'FFFE381A
8, 16
Port D port register H
PDPRH
R
H'FFFE381C
8, 16, 32
Port D port register L
PDPRL
R
H'FFFE381E
8, 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com