Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1083 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1083 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1079Page - Renesas Technology Corp SH7261 Datasheet HTML 1080Page - Renesas Technology Corp SH7261 Datasheet HTML 1081Page - Renesas Technology Corp SH7261 Datasheet HTML 1082Page - Renesas Technology Corp SH7261 Datasheet HTML 1083Page - Renesas Technology Corp SH7261 Datasheet HTML 1084Page - Renesas Technology Corp SH7261 Datasheet HTML 1085Page - Renesas Technology Corp SH7261 Datasheet HTML 1086Page - Renesas Technology Corp SH7261 Datasheet HTML 1087Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1083 / 1348 page
background image
Section 24 I/O Ports
Rev. 2.00 Sep. 07, 2007 Page 1051 of 1312
REJ09B0320-0200
24.3
Port C
Port C is an I/O port with 26 pins and is shown in figure 24.3.
Port C
PC25 (Input) / IRQ3 (Input) / SDA1 (I/O)
PC24 (Input) / IRQ2 (Input) / SCL1 (I/O)
PC23 (Input) / IRQ1 (Input) / SDA0 (I/O)
PC22 (Input) / IRQ0 (Input) / SCL0 (I/O) / DREQ2 (Input)
PC21 (I/O) / BC3(Output) /DQM3 (Output) / TCLKC (Input) / DACK2 (Output)
PC20 (I/O) / BC2(Output) /DQM2 (Output) / TCLKB (Input)
PC19 (I/O) / BC1(Output) /DQM1 (Output)
PC18 (I/O) / BC0(Output) /DQM0 (Output)
PC17 (I/O) /
SDWE (Output)
PC16 (I/O) /
SDCAS (Output)
PC15 (I/O) /
SDRAS (Output)
PC14 (I/O) / SDCKE (Output)
PC13 (I/O) /
WAIT (Input)
PC12 (I/O) /
WR3 (Output) / WR (Output) / TIOC2B (I/O)/ DTEND2 (Output)
PC11 (I/O) /
WR2 (Output) / TIOC2A (I/O) / DACT2 (Output)
PC10 (I/O) /
WR1 (Output) / WR (Output)
PC9 (I/O) /
WR0 (Output) / WR (Output)
PC8 (I/O) /
RD (Output)
PC7 (I/O) /
SDCS0 (Output)
PC6 (I/O) /
CS6 (Output) / TCLKA (Input) / SCK5 (I/O)
PC5 (I/O) /
CS5 (Output) / TIOC1B (I/O) / RxD5 (Input)
PC4 (I/O) /
CS4 (Output) / TIOC1A (I/O) / TxD5 (Output)
PC3 (I/O) /
CS3 (Output) / UBCTRG (Output)
PC2 (I/O) /
CS2 (Output) / SDCS1 (Output) / ADTRG (Input)
PC1 (I/O) /
CS1 (Output)
PC0 (I/O) /
CS0 (Output)
Figure 24.3 Port C
24.3.1
Register Configuration
Table 24.5 lists the port C registers.
Table 24.5
Register Configuration
Register Name
Abbreviation
R/W
Address
Access Size
Port C data register H
PCDRH
R/W
H'FFFE3810
8, 16, 32
Port C data register L
PCDRL
R/W
H'FFFE3812
8, 16
Port C port register H
PCPRH
R
H'FFFE3814
8, 16, 32
Port C port register L
PCPRL
R
H'FFFE3816
8, 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com