Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1084 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1084 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1080Page - Renesas Technology Corp SH7261 Datasheet HTML 1081Page - Renesas Technology Corp SH7261 Datasheet HTML 1082Page - Renesas Technology Corp SH7261 Datasheet HTML 1083Page - Renesas Technology Corp SH7261 Datasheet HTML 1084Page - Renesas Technology Corp SH7261 Datasheet HTML 1085Page - Renesas Technology Corp SH7261 Datasheet HTML 1086Page - Renesas Technology Corp SH7261 Datasheet HTML 1087Page - Renesas Technology Corp SH7261 Datasheet HTML 1088Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1084 / 1348 page
background image
Section 24 I/O Ports
Rev. 2.00 Sep. 07, 2007 Page 1052 of 1312
REJ09B0320-0200
24.3.2
Port C Data Registers H and L (PCDRH and PCDRL)
PCDRH and PCDRL are 16-bit readable/writable registers that store port C data. Bits PC21DR to
PC0DR correspond to pins PC21 to PC0, respectively.
If a pin is set to the general output function, the pin will output the value written to the
corresponding bit in PCDRH or PCDRL, and the register value is read from PCDRH and PCDRL
regardless of the state of the pin.
If a pin is set to the general input function, the pin state, not the register value, will be returned if
PCDRH or PCDRL is read. Also, if a value is written to PCDRH or PCDRL, although the value
will actually be written, it will have no influence on the state of the pin. Table 24.6 summarizes
the PCDRH and PCDRL read/write operations.
Bits 15 to 6 in PCDRH are reserved. These bits are read as 0. The write value should always be 0.
PCDRH and PCDRL are initialized to H'0000 by a power-on reset or in deep standby mode. These
registers are not initialized either by a manual reset or by switching to sleep mode or software
standby mode.
• Port C data register H (PCDRH)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit:
Initial value:
R/W:
0000000000000000
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
——————
PC21
DR
PC20
DR
PC19
DR
PC18
DR
PC17
DR
PC16
DR
RRRR
————
• Port C data register L (PCDRL)
15
14
13
12
11
10
987654321
0
Bit:
Initial value:
R/W:
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PC15
DR
PC14
DR
PC13
DR
PC12
DR
PC11
DR
PC10
DR
PC9
DR
PC8
DR
PC7
DR
PC6
DR
PC5
DR
PC4
DR
PC3
DR
PC2
DR
PC1
DR
PC0
DR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com