Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1100 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1100 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1096Page - Renesas Technology Corp SH7261 Datasheet HTML 1097Page - Renesas Technology Corp SH7261 Datasheet HTML 1098Page - Renesas Technology Corp SH7261 Datasheet HTML 1099Page - Renesas Technology Corp SH7261 Datasheet HTML 1100Page - Renesas Technology Corp SH7261 Datasheet HTML 1101Page - Renesas Technology Corp SH7261 Datasheet HTML 1102Page - Renesas Technology Corp SH7261 Datasheet HTML 1103Page - Renesas Technology Corp SH7261 Datasheet HTML 1104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1100 / 1348 page
background image
Section 25 Pin Function Controller (PFC)
Rev. 2.00 Sep. 07, 2007 Page 1068 of 1312
REJ09B0320-0200
Table 25.5
Multiplexed Pin Table (Port E)
Port
Function 1
PEnMD[2:0] = 000
(Related modules)
Function 2
PEnMD[2:0] = 001
(Related modules)
Function 3
PEnMD[2:0] = 010
(Related modules)
Function 4
PEnMD[2:0] = 011
(Related modules)
Function 5
PEnMD[2:0] = 100
(Related modules)
E
PE7 input (Port)
IRQ7B input (INTC)
PE6 input (Port)
IRQ6B input (INTC)
PE5 input (Port)
IRQ5B input (INTC)
PE4 input (Port)
IRQ4B input (INTC)
PE3 input (Port)
PINT7B input (INTC)
PE2 input (Port)
PINT6B input (INTC)
PE1 input (Port)
PINT5B input (INTC)
PE0 input (Port)
PINT4B input (INTC)
Table 25.6
Multiplexed Pin Table (Port F)
Port
Function 1
PFnMD[2:0] = 000
(Related modules)
Function 2
PFnMD[2:0] = 001
(Related modules)
Function 3
PFnMD[2:0] = 010
(Related modules)
Function 4
PFnMD[2:0] = 011
(Related modules)
Function 5
PFnMD[2:0] = 100
(Related modules)
PF7 I/O (Port)
AUDATA3 I/O
(AUD-II)
PF6 I/O (Port)
AUDATA2 I/O
(AUD-II)
PF5 I/O (Port)
AUDATA1 I/O
(AUD-II)
PF4 I/O (Port)
AUDATA0 I/O
(AUD-II)
PF3 I/O (Port)
AUDSYNC input
(AUD-II)
PF2 I/O (Port)
AUDCK input
(AUD-II)
SCK7 I/O (SCIF)
TCLKD input
(MTU2)
PF1 I/O (Port)
AUDMD input
(AUD-II)
RxD7 input (SCIF)
F
PF0 I/O (Port)
AUDRST input
(AUD-II)
TxD7 output (SCIF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com