Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1101 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1101 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1097Page - Renesas Technology Corp SH7261 Datasheet HTML 1098Page - Renesas Technology Corp SH7261 Datasheet HTML 1099Page - Renesas Technology Corp SH7261 Datasheet HTML 1100Page - Renesas Technology Corp SH7261 Datasheet HTML 1101Page - Renesas Technology Corp SH7261 Datasheet HTML 1102Page - Renesas Technology Corp SH7261 Datasheet HTML 1103Page - Renesas Technology Corp SH7261 Datasheet HTML 1104Page - Renesas Technology Corp SH7261 Datasheet HTML 1105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1101 / 1348 page
background image
Section 25 Pin Function Controller (PFC)
Rev. 2.00 Sep. 07, 2007 Page 1069 of 1312
REJ09B0320-0200
25.1
Register Descriptions
The PFC includes the following registers.
Table 25.7
Register Configuration
Register
Abbr.
R/W
Initial Value
Address
Access
Size
Port A I/O register H
PAIORH
R/W
H'0000
H'FFFE3880
8, 16, 32
Port A I/O register L
PAIORL
R/W
H'0000
H'FFFE3882
8, 16
Port A control register 8
PACR8
R/W
H'0000
H'FFFE3884
8, 16, 32
Port A control register 7
PACR7
R/W
H'0000
H'FFFE3886
8, 16
Port A control register 6
PACR6
R/W
H'1111
H'FFFE3888
8, 16, 32
Port A control register 5
PACR5
R/W
H'1111
H'FFFE388A
8, 16
Port A control register 4
PACR4
R/W
H'1111
H'FFFE388C
8, 16, 32
Port A control register 3
PACR3
R/W
H'1111
H'FFFE388E
8, 16
Port A control register 2
PACR2
R/W
H'1111
H'FFFE3890
8, 16, 32
Port A control register 1
PACR1
R/W
H'1111
H'FFFE3892
8, 16
Port B I/O register H
PBIORH
R/W
H'0000
H'FFFE3898
8, 16, 32
Port B I/O register L
PBIORL
R/W
H'0000
H'FFFE389A
8, 16
Port B control register 8
PBCR8
R/W
H'0000/H'1111
H'FFFE389C
8, 16, 32
Port B control register 7
PBCR7
R/W
H'0000/H'1111
H'FFFE389E
8, 16
Port B control register 6
PBCR6
R/W
H'0000/H'1111
H'FFFE38A0
8, 16, 32
Port B control register 5
PBCR5
R/W
H'0000/H'1111
H'FFFE38A2
8, 16
Port B control register 4
PBCR4
R/W
H'0000/H'1111
H'FFFE38A4
8, 16, 32
Port B control register 3
PBCR3
R/W
H'0000/H'1111
H'FFFE38A6
8, 16
Port B control register 2
PBCR2
R/W
H'1111
H'FFFE38A8
8, 16, 32
Port B control register 1
PBCR1
R/W
H'1111
H'FFFE38AA
8, 16
Port C I/O register H
PCIORH
R/W
H'0000
H'FFFE38B0
8, 16, 32
Port C I/O register L
PCIORL
R/W
H'0000
H'FFFE38B2
8, 16
Port C control register 7
PCCR7
R/W
H'0000
H'FFFE38B6
8, 16
Port C control register 6
PCCR6
R/W
H'0000
H'FFFE38B8
8, 16, 32
Port C control register 5
PCCR5
R/W
H'0000
H'FFFE38BA
8, 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com