Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1107 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1107 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1103Page - Renesas Technology Corp SH7261 Datasheet HTML 1104Page - Renesas Technology Corp SH7261 Datasheet HTML 1105Page - Renesas Technology Corp SH7261 Datasheet HTML 1106Page - Renesas Technology Corp SH7261 Datasheet HTML 1107Page - Renesas Technology Corp SH7261 Datasheet HTML 1108Page - Renesas Technology Corp SH7261 Datasheet HTML 1109Page - Renesas Technology Corp SH7261 Datasheet HTML 1110Page - Renesas Technology Corp SH7261 Datasheet HTML 1111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1107 / 1348 page
background image
Section 25 Pin Function Controller (PFC)
Rev. 2.00 Sep. 07, 2007 Page 1075 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
10 to 8 PA26MD
[2:0]
000
R/W
PA26 Mode
These bits control the function of the PA26/A26/
DACT3/PINT2B pin.
000: PA26 I/O (port)
001: A26 output (BSC)
010: DACT3 output (DMAC)
011: PINT2B input (INTC)
100: Setting prohibited
101: Setting prohibited
110: Setting prohibited
111: Setting prohibited
7
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
6 to 4
PA25MD
[2:0]
000
R/W
PA25 Mode
These bits control the function of the PA25/A25/
DACK3/PINT1B pin.
000: PA25 I/O (port)
001: A25 output (BSC)
010: DACK3 output (DMAC)
011: PINT1B input (INTC)
100: Setting prohibited
101: Setting prohibited
110: Setting prohibited
111: Setting prohibited
3, 2
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
1, 0
PA24MD
[1:0]
00
R/W
PA24 Mode
These bits control the function of the PA24/A24/
DREQ3/PINT0B pin.
00: PA24 I/O (port)
01: A24 output (BSC)
10: DREQ3 input (DMAC)
11: PINT0B input (INTC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com