Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1114 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1114 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1110Page - Renesas Technology Corp SH7261 Datasheet HTML 1111Page - Renesas Technology Corp SH7261 Datasheet HTML 1112Page - Renesas Technology Corp SH7261 Datasheet HTML 1113Page - Renesas Technology Corp SH7261 Datasheet HTML 1114Page - Renesas Technology Corp SH7261 Datasheet HTML 1115Page - Renesas Technology Corp SH7261 Datasheet HTML 1116Page - Renesas Technology Corp SH7261 Datasheet HTML 1117Page - Renesas Technology Corp SH7261 Datasheet HTML 1118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1114 / 1348 page
background image
Section 25 Pin Function Controller (PFC)
Rev. 2.00 Sep. 07, 2007 Page 1082 of 1312
REJ09B0320-0200
25.1.3
Port B I/O Registers H and L (PBIORH and PBIORL)
PBIORH and PBIORL are 16-bit readable/writable registers that select the I/O direction for the
port B pins. Bits PB31IOR to PB0IOR correspond to pins PB31 to PB0, respectively. PBIORH
and PBIORL are enabled when the function of the port B pins is set to general-purpose I/O (PB31
to PB0) and to TIOC I/O (MTU2) by PBCR, and are disabled in other cases. When a bit in
PBIORH and PBIORL is set to 1, the corresponding pin is set to output, and when set to 0, the pin
is set to input.
PBIORH and PBIORL are initialized to H'0000 by a power-on reset or by switching to deep
standby mode. These registers are not initialized either by a manual reset or by switching to sleep
mode or software standby mode.
(1)
Port B I/O Register H (PBIORH)
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PB31
IOR
PB30
IOR
PB29
IOR
PB28
IOR
PB27
IOR
PB26
IOR
PB25
IOR
PB24
IOR
PB23
IOR
PB22
IOR
PB21
IOR
PB20
IOR
PB19
IOR
PB18
IOR
PB17
IOR
PB16
IOR
(2)
Port B I/O Register L (PBIORL)
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PB15
IOR
PB14
IOR
PB13
IOR
PB12
IOR
PB11
IOR
PB10
IOR
PB9
IOR
PB8
IOR
PB7
IOR
PB6
IOR
PB5
IOR
PB4
IOR
PB3
IOR
PB2
IOR
PB1
IOR
PB0
IOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com