Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1118 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1118 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1114Page - Renesas Technology Corp SH7261 Datasheet HTML 1115Page - Renesas Technology Corp SH7261 Datasheet HTML 1116Page - Renesas Technology Corp SH7261 Datasheet HTML 1117Page - Renesas Technology Corp SH7261 Datasheet HTML 1118Page - Renesas Technology Corp SH7261 Datasheet HTML 1119Page - Renesas Technology Corp SH7261 Datasheet HTML 1120Page - Renesas Technology Corp SH7261 Datasheet HTML 1121Page - Renesas Technology Corp SH7261 Datasheet HTML 1122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1118 / 1348 page
background image
Section 25 Pin Function Controller (PFC)
Rev. 2.00 Sep. 07, 2007 Page 1086 of 1312
REJ09B0320-0200
(2)
Port B Control Register 7 (PBCR7)
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
000
0/1*
0
0
0
0/1*
0
0
0
0/1*
0
0
0
0/1*
R
R
R/W
R/W
R
R/W
R/W
R/W
R
R/W
R/W
R/W
R
R/W
R/W
R/W
——
PB27MD[1:0]
PB26MD[2:0]
PB25MD[2:0]
PB24MD[2:0]
———
Note:
The initial value depends on the LSI’s operating mode.
*
Bit
Bit Name
Initial
Value
R/W
Description
15, 14
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
13, 12
PB27MD
[1:0]
00/01*
R/W
PB27 Mode
These bits control the function of the PB27/D27/
PINT3A pin.
00: PB27 I/O (port)
01: D27 I/O (BSC)
10: PINT3A input (INTC)
11: Setting prohibited
11
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
10 to 8
PB26MD
[2:0]
000/001* R/W
PB26 Mode
These bits control the function of the PB26/D26/
PINT2A/TIC5W/SCK6 pin.
000: PB26 I/O (port)
001: D26 I/O (BSC)
010: PINT2A input (INTC)
011: TIC5W input (MTU2)
100: SCK6 I/O (SCIF)
101: Setting prohibited
110: Setting prohibited
111: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com