Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 172 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 168Page - Renesas Technology Corp SH7261 Datasheet HTML 169Page - Renesas Technology Corp SH7261 Datasheet HTML 170Page - Renesas Technology Corp SH7261 Datasheet HTML 171Page - Renesas Technology Corp SH7261 Datasheet HTML 172Page - Renesas Technology Corp SH7261 Datasheet HTML 173Page - Renesas Technology Corp SH7261 Datasheet HTML 174Page - Renesas Technology Corp SH7261 Datasheet HTML 175Page - Renesas Technology Corp SH7261 Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 1348 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 07, 2007 Page 140 of 1312
REJ09B0320-0200
As every source is assigned a different interrupt vector, the source does not need to be identified in
the exception service routine. A priority level in a range from 0 to 15 can be set for each module
by interrupt priority registers 05 to 16 (IPR05 to IPR16). The on-chip peripheral module interrupt
exception handling sets the I3 to I0 bits in SR to the priority level of the accepted on-chip
peripheral module interrupt.
6.5
Interrupt Exception Handling Vector Table and Priority
Table 6.4 lists interrupt sources and their vector numbers, vector table address offsets, and
interrupt priorities.
Each interrupt source is allocated a different vector number and vector table address offset. Vector
table addresses are calculated from the vector numbers and vector table address offsets. In
interrupt exception handling, the exception service routine start address is fetched from the vector
table indicated by the vector table address. For details of calculation of the vector table address,
see table 5.4, Calculating Exception Handling Vector Table Addresses, in section 5, Exception
Handling.
The priorities of IRQ interrupts, PINT interrupts, and on-chip peripheral module interrupts can be
set freely between 0 and 15 for each pin or module by setting interrupt priority registers 01, 02,
and 05 to 16 (IPR01, IPR02, and IPR05 to IPR16). However, if two or more interrupts specified
by the same IPR among IPR05 to IPR16 occur, the priorities are defined as shown in the IPR
setting unit internal priority of table 6.4, and the priorities cannot be changed. A power-on reset
assigns priority level 0 to IRQ interrupts, PINT interrupts, and on-chip peripheral module
interrupts. If the same priority level is assigned to two or more interrupt sources and interrupts
from those sources occur simultaneously, they are processed by the default priorities indicated in
table 6.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com