Electronic Components Datasheet Search
  English  ▼

X  

SH7615 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # SH7615
Description  32-Bit RISC Microcomputer SuperH RISC engine Family/SH7600 Series
PDF  925 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7615 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button SH7615 Datasheet HTML 51Page - Renesas Technology Corp SH7615 Datasheet HTML 52Page - Renesas Technology Corp SH7615 Datasheet HTML 53Page - Renesas Technology Corp SH7615 Datasheet HTML 54Page - Renesas Technology Corp SH7615 Datasheet HTML 55Page - Renesas Technology Corp SH7615 Datasheet HTML 56Page - Renesas Technology Corp SH7615 Datasheet HTML 57Page - Renesas Technology Corp SH7615 Datasheet HTML 58Page - Renesas Technology Corp SH7615 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 925 page
background image
Rev. 2.00, 03/05, page 17 of 884
Type
Symbol
I/O
Name
Function
System
control
RES
Input
Reset
When
RES = 0 and NMI = 1, the chip
enters the power-on reset state. When
RES = 0 and NMI = 0, the chip enters the
manual reset state
WDTOVF
Output
Watchdog
timer overflow
Counter overflow signal output in
watchdog timer mode
BGR
Output
Bus grant
Indicates that the bus has been released
to an external device. The device that
output the
BRLS signal recognizes that
the bus has been acquired when it
receives the
BGR signal
BRLS
Input
Bus release
Driven low when an external device
requests release of the bus
Operating
mode
MD0 to MD4 Input
Mode setting
The operating mode is specified by the
levels at these pins
Interrupts
NMI
Input
Nonmaskable
interrupt
Inputs the nonmaskable interrupt request
signal
IRL3 to IRL0 Input
External
interrupt
request input
0 to 3
These pins input maskable interrupt
request signals
IVECF
Output
Interrupt
vector fetch
cycle
Indicates an external vector read cycle
Bus control
BS
Output
Bus cycle
start
Signal indicating the start of a bus cycle
Asserted every data cycle in burst
transfer
CS4 to CS0 Output
Chip select
0 to 4
Chip select signals indicating the area
being accessed
WAIT
Input
Wait
Wait state request signal
RD
Output
Read
Strobe signal indicating a read cycle
RAS
Output
Row address
strobe
DRAM/synchronous DRAM RAS signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com