Electronic Components Datasheet Search
  English  ▼

X  

SH7615 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # SH7615
Description  32-Bit RISC Microcomputer SuperH RISC engine Family/SH7600 Series
PDF  925 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7615 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button SH7615 Datasheet HTML 28Page - Renesas Technology Corp SH7615 Datasheet HTML 29Page - Renesas Technology Corp SH7615 Datasheet HTML 30Page - Renesas Technology Corp SH7615 Datasheet HTML 31Page - Renesas Technology Corp SH7615 Datasheet HTML 32Page - Renesas Technology Corp SH7615 Datasheet HTML 33Page - Renesas Technology Corp SH7615 Datasheet HTML 34Page - Renesas Technology Corp SH7615 Datasheet HTML 35Page - Renesas Technology Corp SH7615 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 925 page
background image
Rev. 2.00, 03/05, page xxxii of xxxviii
10.1.1 Features................................................................................................................ 417
10.1.2 Configuration....................................................................................................... 418
10.1.3 Descriptor Management System .......................................................................... 419
10.1.4 Register Configuration......................................................................................... 419
10.2
Register Descriptions........................................................................................................ 421
10.2.1 E-DMAC Mode Register (EDMR)...................................................................... 421
10.2.2 E-DMAC Transmit Request Register (EDTRR) ................................................. 422
10.2.3 E-DMAC Receive Request Register (EDRRR)................................................... 423
10.2.4 Transmit Descriptor List Address Register (TDLAR)......................................... 424
10.2.5 Receive Descriptor List Address Register (RDLAR) .......................................... 425
10.2.6 EtherC/E-DMAC Status Register (EESR)........................................................... 426
10.2.7 EtherC/E-DMAC Status Interrupt Permission Register (EESIPR)...................... 432
10.2.8 Transmit/Receive Status Copy Enable Register (TRSCER)................................ 437
10.2.9 Receive Missed-Frame Counter Register (RMFCR) ........................................... 438
10.2.10 Transmit FIFO Threshold Register (TFTR) ........................................................ 439
10.2.11 FIFO Depth Register (FDR) ................................................................................ 440
10.2.12 Receiver Control Register (RCR) ........................................................................ 443
10.2.13 E-DMAC Operation Control Register (EDOCR) ................................................ 444
10.2.14 Receiving-Buffer Write Address Register (RBWAR) ......................................... 445
10.2.15 Receiving-Descriptor Fetch Address Register (RDFAR) .................................... 446
10.2.16 Transmission-Buffer Read Address Register (TBRAR)...................................... 447
10.2.17 Transmission-Descriptor Fetch Address Register (TDFAR) ............................... 448
10.3
Operation .......................................................................................................................... 449
10.3.1 Descriptor List and Data Buffers ......................................................................... 449
10.3.2 Transmission........................................................................................................ 455
10.3.3 Reception ............................................................................................................. 457
10.3.4 Multi-Buffer Frame Transmit/Receive Processing .............................................. 459
10.4
Usage Notes ...................................................................................................................... 461
10.4.1 E-DMAC Transmit Request Register (EDTRR) and E-DMAC Receive
Request Register (EDRRR) Usage Notes ............................................................ 461
Section 11 Direct Memory Access Controller (DMAC).......................................... 463
11.1
Overview........................................................................................................................... 463
11.1.1 Features................................................................................................................ 463
11.1.2 Block Diagram..................................................................................................... 465
11.1.3 Input/Output Pins................................................................................................. 466
11.1.4 Register Configuration......................................................................................... 467
11.2
Register Descriptions........................................................................................................ 468
11.2.1 DMA Source Address Registers 0 and 1 (SAR0, SAR1) .................................... 468
11.2.2 DMA Destination Address Registers 0 and 1 (DAR0, DAR1)............................ 468
11.2.3 DMA Transfer Count Registers 0 and 1 (TCR0, TCR1) ..................................... 469
11.2.4 DMA Channel Control Registers 0 and 1 (CHCR0, CHCR1)............................. 470
11.2.5 DMA Vector Number Registers 0 and 1 (VCRDMA0, VCRDMA1) ................. 474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com