Electronic Components Datasheet Search
  English  ▼

X  

H83008 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # H83008
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  686 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83008 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button H83008 Datasheet HTML 45Page - Renesas Technology Corp H83008 Datasheet HTML 46Page - Renesas Technology Corp H83008 Datasheet HTML 47Page - Renesas Technology Corp H83008 Datasheet HTML 48Page - Renesas Technology Corp H83008 Datasheet HTML 49Page - Renesas Technology Corp H83008 Datasheet HTML 50Page - Renesas Technology Corp H83008 Datasheet HTML 51Page - Renesas Technology Corp H83008 Datasheet HTML 52Page - Renesas Technology Corp H83008 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 686 page
background image
1. Overview
Rev.4.00 Aug. 20, 2007 Page 5 of 638
REJ09B0395-0400
1.2
Block Diagram
Figure 1.1 shows an internal block diagram.
Port 3
Port 4
A
A
A
A
19
18
17
16
A
A
A
A
A
A
A
A
P9 /SCK /
IRQ
P9 /SCK /
IRQ
P9 /RxD
P9 /RxD
P9 /TxD
P9 /TxD
5
4
3
2
1
0
1
0
1
0
1
0
5
4
Port 7
Port A
CS0/P84
ADTRG/CS1/IRQ3/P83
CS2/IRQ2/P82
CS3/IRQ1/P81
IRQ0/P80
MD
MD
MD
EXTAL
XTAL
STBY
RES
RESO
NMI
2
1
0
H8/300H CPU
Interrupt controller
Serial communication
interface
(SCI)
2 channels
×
Watchdog timer
(WDT)
Address bus
Data bus (upper)
Data bus (lower)
15
14
13
12
11
10
9
8
A
A
A
A
A
A
A
A
7
6
5
4
3
2
1
0
φ/P67
LWR
HWR
RD
AS
BACK/P62
BREQ/P61
WAIT/P60
RAM
16-bit timer unit
8-bit timer unit
A/D converter
D/A converter
Programmable
timing pattern
controller (TPC)
Port B
Note: * The 5 V operation models have a V
CL pin, and require the connection of an external capacitor.
Figure 1.1 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com