| Electronic Components Datasheet Search |
|
HD64F2149 Datasheet(PDF) 337 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149 Datasheet(HTML) 337 Page - Renesas Technology Corp |
|
337 / 1075 page ![]() Section 11 16-Bit Free-Running Timer Rev. 3.00 Jan 18, 2006 page 309 of 1044 REJ09B0280-0300 Section 11 16-Bit Free-Running Timer 11.1 Overview The H8S/2169 or H8S/2149 has a single-channel on-chip 16-bit free-running timer (FRT) module that uses a 16-bit free-running counter as a time base. Applications of the FRT module include rectangular-wave output (up to two independent waveforms), input pulse width measurement, and measurement of external clock periods. 11.1.1 Features The features of the free-running timer module are listed below. • Selection of four clock sources The free-running counter can be driven by an internal clock source (φ/2, φ/8, or φ/32), or an external clock input (enabling use as an external event counter). • Two independent comparators Each comparator can generate an independent waveform. • Four input capture channels The current count can be captured on the rising or falling edge (selectable) of an input signal. The four input capture registers can be used separately, or in a buffer mode. • Counter can be cleared under program control The free-running counters can be cleared on compare-match A. • Seven independent interrupts Two compare-match interrupts, four input capture interrupts, and one overflow interrupt can be requested independently. • Special functions provided by automatic addition function The contents of OCRAR and OCRAF can be added to the contents of OCRA automatically, enabling a periodic waveform to be generated without software intervention. The contents of ICRD can be added automatically to the contents of OCRDM × 2, enabling input capture operations in this interval to be restricted. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |