Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 29Page - Renesas Technology Corp HD64F2149 Datasheet HTML 30Page - Renesas Technology Corp HD64F2149 Datasheet HTML 31Page - Renesas Technology Corp HD64F2149 Datasheet HTML 32Page - Renesas Technology Corp HD64F2149 Datasheet HTML 33Page - Renesas Technology Corp HD64F2149 Datasheet HTML 34Page - Renesas Technology Corp HD64F2149 Datasheet HTML 35Page - Renesas Technology Corp HD64F2149 Datasheet HTML 36Page - Renesas Technology Corp HD64F2149 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 1075 page
background image
Section 1 Overview
Rev. 3.00 Jan 18, 2006 page 5 of 1044
REJ09B0280-0300
Item
Specifications
A/D converter
• Resolution: 10 bits
• Input:
 8 channels (dedicated analog pins)
 16 channels (same pins as keyboard sense port)
• High-speed conversion: 13.4-µs minimum conversion time (10-MHz
operation)
• Single or scan mode selectable
• Sample-and-hold function
• A/D conversion can be activated by external trigger or timer trigger
D/A converter
• Resolution: 8 bits
• Output: 2 channels
I/O ports
(H8S/2149)
• 74 input/output pins (including 24 with LED drive capability)
• Eight input-only pins
• Eight of the input/output pins are driven by VCCB (separate power supply)
I/O ports
(H8S/2169)
• 114 input/output pins (including 24 with LED drive capability)
• Eight input-only pins
• 32 of the input/output pins are driven by VCCB (separate power supply)
Memory
• Flash memory: 64 kbytes
• High-speed static RAM: 2 kbytes
Interrupt controller
• Nine external interrupt pins (NMI, IRQ0 to IRQ7)
• 48 internal interrupt sources
• Three priority levels settable
Power-down state
• Medium-speed mode
• Sleep mode
• Module stop mode
• Software standby mode
• Hardware standby mode
• Subclock operation
Clock pulse
generator
• Built-in duty correction circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com