Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 48Page - Renesas Technology Corp HD64F2149 Datasheet HTML 49Page - Renesas Technology Corp HD64F2149 Datasheet HTML 50Page - Renesas Technology Corp HD64F2149 Datasheet HTML 51Page - Renesas Technology Corp HD64F2149 Datasheet HTML 52Page - Renesas Technology Corp HD64F2149 Datasheet HTML 53Page - Renesas Technology Corp HD64F2149 Datasheet HTML 54Page - Renesas Technology Corp HD64F2149 Datasheet HTML 55Page - Renesas Technology Corp HD64F2149 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 1075 page
background image
Section 1 Overview
Rev. 3.00 Jan 18, 2006 page 24 of 1044
REJ09B0280-0300
Pin No.
Type
Symbol
FP-100B,
TFP-100B TFP-144 I/O
Name and Function
Data bus
D15–D8
89–82
128–121 Input/
output
Data bus (upper): Bidirectional data bus.
Used for 8-bit data and upper byte of 16-bit
data.
D7–D0
57, 58, 68,
69, 80, 81,
90, 91
113–130 Input/
output
Data bus (lower): Bidirectional data bus.
Used for lower byte of 16-bit data.
Bus
control
WAIT
16
17
Input
Wait: Requests insertion of a wait state in
the bus cycle when accessing external 3-
state address space.
RD
22
21
Output
Read: When this pin is low, it indicates that
the external address space is being read.
HWR
19
20
Output
High write: When this pin is low, it
indicates that the external address space is
being written to. The upper half of the data
bus is valid.
LWR
25
24
Output
Low write: When this pin is low, it
indicates that the external address space is
being written to. The lower half of the data
bus is valid.
AS/IOS
18
19
Output
Address strobe: When this pin is low, it
indicates that address output on the
address bus is valid.
Interrupt
Signals
NMI
7
11
Input
Nonmaskable interrupt: Requests a
nonmaskable interrupt.
IRQ0–
IRQ7
23–25,
97–99,
34, 35
22–24,
133–135,
84, 85
Input
Interrupt request 0 to 7: These pins
request a maskable interrupt.
FTCI
26
78
Input
FRT counter clock input: Input pin for an
external clock signal for the free-running
counter (FRC).
16-bit
free-
running
timer
(FRT)
FTOA
27
79
Output
FRT output compare A output: The
output compare A output pin.
FTOB
34
84
Output
FRT output compare B output: The
output compare B output pin.
FTIA
28
80
Input
FRT input capture A input: The input
capture A input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com