Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 62Page - Renesas Technology Corp HD64F2149 Datasheet HTML 63Page - Renesas Technology Corp HD64F2149 Datasheet HTML 64Page - Renesas Technology Corp HD64F2149 Datasheet HTML 65Page - Renesas Technology Corp HD64F2149 Datasheet HTML 66Page - Renesas Technology Corp HD64F2149 Datasheet HTML 67Page - Renesas Technology Corp HD64F2149 Datasheet HTML 68Page - Renesas Technology Corp HD64F2149 Datasheet HTML 69Page - Renesas Technology Corp HD64F2149 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 1075 page
background image
Section 2 CPU
Rev. 3.00 Jan 18, 2006 page 38 of 1044
REJ09B0280-0300
Stack Structure: When the program counter (PC) is pushed onto the stack in a subroutine call,
and the PC and condition-code register (CCR) are pushed onto the stack in exception handling,
they are stored as shown in figure 2.3. The extended control register (EXR) is not pushed onto the
stack. For details, see section 4, Exception Handling.
(a) Subroutine Branch
(b) Exception Handling
PC
(16 bits)
CCR
CCR*
PC
(16 bits)
SP
Note: * Ignored when returning.
SP
Figure 2.3 Stack Structure in Normal Mode
(2) Advanced Mode
Address Space: Linear access is provided to a 16-Mbyte maximum address space (architecturally
a maximum 16-Mbyte program area and a maximum 4-Gbyte data area, with a maximum of 4
Gbytes for program and data areas combined).
Extended Registers (En): The extended registers (E0 to E7) can be used as 16-bit registers, or as
the upper 16-bit segments of 32-bit registers or address registers.
Instruction Set: All instructions and addressing modes can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com