Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 52Page - Renesas Technology Corp HD64F2149 Datasheet HTML 53Page - Renesas Technology Corp HD64F2149 Datasheet HTML 54Page - Renesas Technology Corp HD64F2149 Datasheet HTML 55Page - Renesas Technology Corp HD64F2149 Datasheet HTML 56Page - Renesas Technology Corp HD64F2149 Datasheet HTML 57Page - Renesas Technology Corp HD64F2149 Datasheet HTML 58Page - Renesas Technology Corp HD64F2149 Datasheet HTML 59Page - Renesas Technology Corp HD64F2149 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 1075 page
background image
Section 1 Overview
Rev. 3.00 Jan 18, 2006 page 28 of 1044
REJ09B0280-0300
Pin No.
Type
Symbol
FP-100B,
TFP-100B TFP-144 I/O
Name and Function
AN7–AN0
45–38
68–75
Input
Analog input: A/D converter analog input
pins.
A/D
converter
(ADC)
CIN0–
CIN15
26–29,
32–35,
48, 47, 31,
30, 21, 20,
11, 10
78–85,
41–37,
35–33
Input
Expansion A/D input: Expansion A/D
input pins can be connected to the A/D
converter, but since they are also used as
digital input/output pins, precision will fall.
ADTRG
25
24
Input
A/D conversion external trigger input:
Pin for input of an external trigger to start
A/D conversion.
D/A
converter
(DAC)
DA0
DA1
44
45
74
75
Output
Analog output: D/A converter analog
output pins.
A/D
converter
D/A
converter
AVCC
37
76
Input
Analog power: The analog power supply
pin for the A/D converter and D/A
converter.
When the A/D and D/A converters are not
used, this pin should be connected to the
system power supply (+5 V or +3 V).
AVref
36
77
Input
Analog reference voltage: The reference
power supply pin for the A/D converter and
D/A converter.
When the A/D and D/A converters are not
used, this pin should be connected to the
system power supply (+5 V or +3 V).
AVSS
46
67
Input
Analog ground: The ground pin for the
A/D converter and D/A converter. This pin
should be connected to the system power
supply
(0 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com