Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 49Page - Renesas Technology Corp HD64F2149 Datasheet HTML 50Page - Renesas Technology Corp HD64F2149 Datasheet HTML 51Page - Renesas Technology Corp HD64F2149 Datasheet HTML 52Page - Renesas Technology Corp HD64F2149 Datasheet HTML 53Page - Renesas Technology Corp HD64F2149 Datasheet HTML 54Page - Renesas Technology Corp HD64F2149 Datasheet HTML 55Page - Renesas Technology Corp HD64F2149 Datasheet HTML 56Page - Renesas Technology Corp HD64F2149 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 1075 page
background image
Section 1 Overview
Rev. 3.00 Jan 18, 2006 page 25 of 1044
REJ09B0280-0300
Pin No.
Type
Symbol
FP-100B,
TFP-100B TFP-144 I/O
Name and Function
FTIB
29
81
Input
FRT input capture B input: The input
capture B input pin.
FTIC
32
82
Input
FRT input capture C input: The input
capture C input pin.
16-bit
free-
running
timer
(FRT)
FTID
33
83
Input
FRT input capture D input: The input
capture D input pin.
TMO0
TMO1
TMOX
50
53
35
137
3
85
Output
Compare-match output: TMR0, TMR1,
and TMRX compare-match output pins.
8-bit timer
(TMR0,
TMR1,
TMRX,
TMRY)
TMCI0
TMCI1
49
52
136
2
Input
Counter external clock input: Input pins
for the external clock input to the TMR0
and TMR1 counters.
TMRI0
TMRI1
51
54
138
4
Input
Counter external reset input: TMR0 and
TMR1 counter reset input pins.
TMIX
TMIY
26
28
78
80
Input
Counter external clock input/reset input:
Dual function as TMRX and TMRY counter
clock input pin and reset input pin.
PWM
timer
(PWM)
PW15–
PW0
60–67,
72–79
96–110,
112
Output
PWM timer output: PWM timer pulse
output pins.
14-bit
PWM
timer
(PWMX)
PWX0
PWX1
55
56
5
6
Output
PWMX timer output: PWM D/A pulse
output pins.
TxD0
TxD1
TxD2
14
97
49
16
133
136
Output
Transmit data: Data output pins.
RxD0
RxD1
RxD2
13
98
50
15
134
137
Input
Receive data: Data input pins.
Serial
communi-
cation
interface
(SCI0,
SCI1,
SCI2)
SCK0
SCK1
SCK2
12
99
51
14
135
138
Input/
Ouput
Serial clock: Clock input/output pins.
The SCK0 output type is NMOS push-pull.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com