| Electronic Components Datasheet Search |
|
HD64F2149 Datasheet(PDF) 342 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149 Datasheet(HTML) 342 Page - Renesas Technology Corp |
|
342 / 1075 page ![]() Section 11 16-Bit Free-Running Timer Rev. 3.00 Jan 18, 2006 page 314 of 1044 REJ09B0280-0300 11.2.3 Input Capture Registers A to D (ICRA to ICRD) Bit Initial 15 0 R 14 0 R 13 0 R 12 0 R 11 0 R 10 0 R 9 0 R 8 0 R 7 0 R 6 0 R 5 0 R 4 0 R 3 0 R 2 0 R 1 0 R 0 0 R value Write Read/ There are four input capture registers, A to D, each of which is a 16-bit read-only register. When the rising or falling edge of the signal at an input capture input pin (FTIA to FTID) is detected, the current FRC value is copied to the corresponding input capture register (ICRA to ICRD). At the same time, the corresponding input capture flag (ICFA to ICFD) in TCSR is set to 1. The input capture edge is selected by the input edge select bits (IEDGA to IEDGD) in TCR. ICRC and ICRD can be used as ICRA and ICRB buffer registers, respectively, and made to perform buffer operations, by means of buffer enable bits A and B (BUFEA, BUFEB) in TCR. Figure 11.2 shows the connections when ICRC is specified as the ICRA buffer register (BUFEA = 1). When ICRC is used as the ICRA buffer, both rising and falling edges can be specified as transitions of the external input signal by setting IEDGA ≠ IEDGC. When IEDGA = IEDGC, either the rising or falling edge is designated. See table 11.3. Note: The FRC contents are transferred to the input capture register regardless of the value of the input capture flag (ICF). BUFEA IEDGA IEDGC FTIA Edge detect and capture signal generating circuit FRC ICRC ICRA Figure 11.2 Input Capture Buffering (Example) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |