Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 344Page - Renesas Technology Corp HD64F2149 Datasheet HTML 345Page - Renesas Technology Corp HD64F2149 Datasheet HTML 346Page - Renesas Technology Corp HD64F2149 Datasheet HTML 347Page - Renesas Technology Corp HD64F2149 Datasheet HTML 348Page - Renesas Technology Corp HD64F2149 Datasheet HTML 349Page - Renesas Technology Corp HD64F2149 Datasheet HTML 350Page - Renesas Technology Corp HD64F2149 Datasheet HTML 351Page - Renesas Technology Corp HD64F2149 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 1075 page
background image
Section 11 16-Bit Free-Running Timer
Rev. 3.00 Jan 18, 2006 page 320 of 1044
REJ09B0280-0300
Bit 4—Input Capture Flag D (ICFD): This status flag indicates that the FRC value has been
transferred to ICRD by means of an input capture signal. When BUFEB = 1, on occurrence of the
signal transition in FTID (input capture signal) specified by the IEDGD bit, ICFD is set but data is
not transferred to ICRD. Therefore, in buffer operation, ICFD can be used as an external interrupt
by setting the ICIDE bit to 1.
ICFD must be cleared by software. It is set by hardware, however, and cannot be set by software.
Bit 4
ICFD
Description
0
[Clearing condition]
Read ICFD when ICFD = 1, then write 0 in ICFD
(Initial value)
1
[Setting condition]
When an input capture signal is received
Bit 3—Output Compare Flag A (OCFA): This status flag indicates that the FRC value matches
the OCRA value. This flag must be cleared by software. It is set by hardware, however, and
cannot be set by software.
Bit 3
OCFA
Description
0
[Clearing condition]
Read OCFA when OCFA = 1, then write 0 in OCFA
(Initial value)
1
[Setting condition]
When FRC = OCRA
Bit 2—Output Compare Flag B (OCFB): This status flag indicates that the FRC value matches
the OCRB value. This flag must be cleared by software. It is set by hardware, however, and cannot
be set by software.
Bit 2
OCFB
Description
0
[Clearing condition]
Read OCFB when OCFB = 1, then write 0 in OCFB
(Initial value)
1
[Setting condition]
When FRC = OCRB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com