Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 117Page - Renesas Technology Corp HD64F2149 Datasheet HTML 118Page - Renesas Technology Corp HD64F2149 Datasheet HTML 119Page - Renesas Technology Corp HD64F2149 Datasheet HTML 120Page - Renesas Technology Corp HD64F2149 Datasheet HTML 121Page - Renesas Technology Corp HD64F2149 Datasheet HTML 122Page - Renesas Technology Corp HD64F2149 Datasheet HTML 123Page - Renesas Technology Corp HD64F2149 Datasheet HTML 124Page - Renesas Technology Corp HD64F2149 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 1075 page
background image
Section 4 Exception Handling
Rev. 3.00 Jan 18, 2006 page 93 of 1044
REJ09B0280-0300
Table 4.2
Exception Vector Table
Vector Address*
1
Exception Source
Vector Number
Normal Mode
Advanced Mode
Reset
0
H'0000 to H'0001
H'0000 to H'0003
Reserved for system use
1
H'0002 to H'0003
H'0004 to H'0007
2
H'0004 to H'0005
H'0008 to H'000B
3
H'0006 to H'0007
H'000C to H'000F
4
H'0008 to H'0009
H'0010 to H'0013
5
H'000A to H'000B
H'0014 to H'0017
Direct transition
6
H'000C to H'000D
H'0018 to H'001B
External interrupt
NMI
7
H'000E to H'000F
H'001C to H'001F
Trap instruction (4 sources)
8
H'0010 to H'0011
H'0020 to H'0023
9
H'0012 to H'0013
H'0024 to H'0027
10
H'0014 to H'0015
H'0028 to H'002B
11
H'0016 to H'0017
H'002C to H'002F
Reserved for system use
12
H'0018 to H'0019
H'0030 to H'0033
13
H'001A to H'001B
H'0034 to H'0037
14
H'001C to H'001D
H'0038 to H'003B
15
H'001E to H'001F
H'003C to H'003F
External interrupt
IRQ0
16
H'0020 to H'0021
H'0040 to H'0043
IRQ1
17
H'0022 to H'0023
H'0044 to H'0047
IRQ2
18
H'0024 to H'0025
H'0048 to H'004B
IRQ3
19
H'0026 to H'0027
H'004C to H'004F
IRQ4
20
H'0028 to H'0029
H'0050 to H'0053
IRQ5
21
H'002A to H'002B
H'0054 to H'0057
IRQ6
22
H'002C to H'002D
H'0058 to H'005B
IRQ7
23
H'002E to H'002F
H'005C to H'005F
Internal interrupt*
2
24
107
H'0030 to H'0031
H'00CE to H'00DF
H'0060 to H'0063
H'019C to H'01BF
Notes: 1. Lower 16 bits of the address.
2. For details on internal interrupt vectors, see section 5.3.3, Interrupt Exception Vector
Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com