Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 125Page - Renesas Technology Corp HD64F2149 Datasheet HTML 126Page - Renesas Technology Corp HD64F2149 Datasheet HTML 127Page - Renesas Technology Corp HD64F2149 Datasheet HTML 128Page - Renesas Technology Corp HD64F2149 Datasheet HTML 129Page - Renesas Technology Corp HD64F2149 Datasheet HTML 130Page - Renesas Technology Corp HD64F2149 Datasheet HTML 131Page - Renesas Technology Corp HD64F2149 Datasheet HTML 132Page - Renesas Technology Corp HD64F2149 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 1075 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jan 18, 2006 page 101 of 1044
REJ09B0280-0300
Section 5 Interrupt Controller
5.1
Overview
5.1.1
Features
The MCU control interrupts by means of an interrupt controller. The interrupt controller has the
following features:
• Two interrupt control modes
 Either of two interrupt control modes can be set by means of the INTM1 and INTM0 bits
in the system control register (SYSCR).
• Priorities settable with ICR
 An interrupt control register (ICR) is provided for setting interrupt priorities. Three priority
levels can be set for each module for all interrupts except NMI and address break.
• Independent vector addresses
 All interrupt sources are assigned independent vector addresses, making it unnecessary for
the source to be identified in the interrupt handling routine.
• Thirty-one external interrupt pins (nine external sources)
 NMI is the highest-priority interrupt, and is accepted at all times. A rising or falling edge at
the NMI pin can be selected for the NMI interrupt.
 Falling edge, rising edge, or both edge detection, or level sensing, at pins IRQ7 to IRQ0
can be selected for interrupts IRQ7 to IRQ0.
 The IRQ6 interrupt is shared by the interrupt from the IRQ6 pin and eight external interrupt
inputs (
KIN7 to KIN0), and the IRQ7 interrupt is shared by the interrupt from the IRQ7 pin
and sixteen external interrupt inputs (
KIN15 to KIN8 and WUE7 to WUE0). KIN15 to
KIN0 and WUE7 to WUE0 can be masked individually by the user program.
• DTC control
 DTC activation is controlled by means of interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com