Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 137Page - Renesas Technology Corp HD64F2149 Datasheet HTML 138Page - Renesas Technology Corp HD64F2149 Datasheet HTML 139Page - Renesas Technology Corp HD64F2149 Datasheet HTML 140Page - Renesas Technology Corp HD64F2149 Datasheet HTML 141Page - Renesas Technology Corp HD64F2149 Datasheet HTML 142Page - Renesas Technology Corp HD64F2149 Datasheet HTML 143Page - Renesas Technology Corp HD64F2149 Datasheet HTML 144Page - Renesas Technology Corp HD64F2149 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 1075 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jan 18, 2006 page 113 of 1044
REJ09B0280-0300
5.2.8
Address Break Control Register (ABRKCR)
Bit
7
6
543210
CMF
—
—————
BIE
Initial value
0
0
000000
Read/Write
R
—
—————
R/W
ABRKCR is an 8-bit readable/writable register that performs address break control.
ABRKCR is initialized to H'00 by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bit 7—Condition Match Flag (CMF): This is the address break source flag, used to indicate that
the address set by BAR has been prefetched. When the CMF flag and BIE flag are both set to 1, an
address break is requested.
Bit 7
CMF
Description
0
[Clearing condition]
When address break interrupt exception handling is executed
(Initial value)
1
[Setting condition]
When address set by BARA to BARC is prefetched while BIE = 1
Bits 6 to 1—Reserved: These bits cannot be modified and are always read as 0.
Bit 0—Break Interrupt Enable (BIE): Selects address break enabling or disabling.
Bit 0
BIE
Description
0
Address break disabled
(Initial value)
1
Address break enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com