Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 148Page - Renesas Technology Corp HD64F2149 Datasheet HTML 149Page - Renesas Technology Corp HD64F2149 Datasheet HTML 150Page - Renesas Technology Corp HD64F2149 Datasheet HTML 151Page - Renesas Technology Corp HD64F2149 Datasheet HTML 152Page - Renesas Technology Corp HD64F2149 Datasheet HTML 153Page - Renesas Technology Corp HD64F2149 Datasheet HTML 154Page - Renesas Technology Corp HD64F2149 Datasheet HTML 155Page - Renesas Technology Corp HD64F2149 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 1075 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jan 18, 2006 page 124 of 1044
REJ09B0280-0300
5.5
Interrupt Operation
5.5.1
Interrupt Control Modes and Interrupt Operation
Interrupt operations in the H8S/2169 or H8S/2149 differ depending on the interrupt control mode.
NMI and address break interrupts are accepted at all times except in the reset state and the
hardware standby state. In the case of IRQ interrupts and on-chip supporting module interrupts, an
enable bit is provided for each interrupt. Clearing an enable bit to 0 disables the corresponding
interrupt request. Interrupt sources for which the enable bits are set to 1 are controlled by the
interrupt controller.
Table 5.5 shows the interrupt control modes.
The interrupt controller performs interrupt control according to the interrupt control mode set by
the INTM1 and INTM0 bits in SYSCR, the priorities set in ICR, and the masking state indicated
by the I and UI bits in the CPU’s CCR.
Table 5.5
Interrupt Control Modes
SYSCR
Interrupt
Control Mode INTM1 INTM0
Priority Setting
Register
Interrupt
Mask Bits Description
0
0
0
ICR
I
Interrupt mask control is
performed by the I bit
Priority can be set with ICR
1
1
ICR
I, UI
3-level interrupt mask control
is performed by the I and UI
bits
Priority can be set with ICR
Figure 5.7 shows a block diagram of the priority decision circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com