Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 157Page - Renesas Technology Corp HD64F2149 Datasheet HTML 158Page - Renesas Technology Corp HD64F2149 Datasheet HTML 159Page - Renesas Technology Corp HD64F2149 Datasheet HTML 160Page - Renesas Technology Corp HD64F2149 Datasheet HTML 161Page - Renesas Technology Corp HD64F2149 Datasheet HTML 162Page - Renesas Technology Corp HD64F2149 Datasheet HTML 163Page - Renesas Technology Corp HD64F2149 Datasheet HTML 164Page - Renesas Technology Corp HD64F2149 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 1075 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Jan 18, 2006 page 133 of 1044
REJ09B0280-0300
5.5.5
Interrupt Response Times
The H8S/2149 is capable of fast word access to on-chip memory, and high-speed processing can
be achieved by providing the program area in on-chip ROM and the stack area in on-chip RAM.
Table 5.8 shows interrupt response times—the interval between generation of an interrupt request
and execution of the first instruction in the interrupt handling routine. The symbols used in table
5.8 are explained in table 5.9.
Table 5.8
Interrupt Response Times
Number of States
No.
Item
Normal Mode
Advanced Mode
1
Interrupt priority determination*
1
33
2
Number of wait states until executing
instruction ends*
2
1 to (19+2·S
I)
1 to (19+2·S
I)
3
PC, CCR stack save
2·S
K
2·S
K
4
Vector fetch
S
I
2·S
I
5
Instruction fetch*
3
2·S
I
2·S
I
6
Internal processing*
4
22
Total (using on-chip memory)
11 to 31
12 to 32
Notes: 1. Two states in case of internal interrupt.
2. Refers to MULXS and DIVXS instructions.
3. Prefetch after interrupt acceptance and interrupt handling routine prefetch.
4. Internal processing after interrupt acceptance and internal processing after vector fetch.
Table 5.9
Number of States in Interrupt Handling Routine Execution
Object of Access
External Device
8-Bit Bus
16-Bit Bus
Symbol
Internal
Memory
2-State
Access
3-State
Access
2-State
Access
3-State
Access
Instruction fetch
S
I
1
4
6+2m
2
3+m
Branch address read
S
J
Stack manipulation
S
K
Legend:
m: Number of wait states in an external device access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com