Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 171Page - Renesas Technology Corp HD64F2149 Datasheet HTML 172Page - Renesas Technology Corp HD64F2149 Datasheet HTML 173Page - Renesas Technology Corp HD64F2149 Datasheet HTML 174Page - Renesas Technology Corp HD64F2149 Datasheet HTML 175Page - Renesas Technology Corp HD64F2149 Datasheet HTML 176Page - Renesas Technology Corp HD64F2149 Datasheet HTML 177Page - Renesas Technology Corp HD64F2149 Datasheet HTML 178Page - Renesas Technology Corp HD64F2149 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 1075 page
background image
Section 6 Bus Controller
Rev. 3.00 Jan 18, 2006 page 147 of 1044
REJ09B0280-0300
6.3.4
I/O Select Signal
In the H8S/2169 or H8S/2149, an I/O select signal (
IOS) can be output, with the signal output
going low when the designated external space is accessed.
Figure 6.2 shows an example of
IOS signal output timing.
φ
Address bus
IOS
T1
T2
T3
Bus cycle
External address in IOS set range
Figure 6.2
IOS
IOS
IOS
IOS Signal Output Timing
Enabling or disabling of
IOS signal output is controlled by the setting of the IOSE bit in SYSCR.
In expanded mode, this pin operates as the
AS output pin after a reset, and therefore the IOSE bit
in SYSCR must be set to 1 in order to use this pin as the
IOS signal output. See section 8, I/O
Ports, for details.
The range of addresses for which the
IOS signal is output can be set with bits IOS1 and IOS0 in
BCR. The
IOS signal address ranges are shown in table 6.4.
Table 6.4
IOS
IOS
IOS
IOS Signal Output Range Settings
IOS1
IOS0
IOS
IOS
IOS
IOS Signal Output Range
0
0
H'(FF)F000 to H'(FF)F03F
1
H'(FF)F000 to H'(FF)F0FF
1
0
H'(FF)F000 to H'(FF)F3FF
1
H'(FF)F000 to H'(FF)F7FF
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com