Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 194Page - Renesas Technology Corp HD64F2149 Datasheet HTML 195Page - Renesas Technology Corp HD64F2149 Datasheet HTML 196Page - Renesas Technology Corp HD64F2149 Datasheet HTML 197Page - Renesas Technology Corp HD64F2149 Datasheet HTML 198Page - Renesas Technology Corp HD64F2149 Datasheet HTML 199Page - Renesas Technology Corp HD64F2149 Datasheet HTML 200Page - Renesas Technology Corp HD64F2149 Datasheet HTML 201Page - Renesas Technology Corp HD64F2149 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 1075 page
background image
Section 7 Data Transfer Controller
Rev. 3.00 Jan 18, 2006 page 170 of 1044
REJ09B0280-0300
7.2
Register Descriptions
7.2.1
DTC Mode Register A (MRA)
7
SM1
6
SM0
5
DM1
4
DM0
3
MD1
0
Sz
2
MD0
1
DTS
Bit
Initial value
Read/Write
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
MRA is an 8-bit register that controls the DTC operating mode.
Bits 7 and 6—Source Address Mode 1 and 0 (SM1, SM0): These bits specify whether SAR is
to be incremented, decremented, or left fixed after a data transfer.
Bit 7
Bit 6
SM1
SM0
Description
0
—
SAR is fixed
1
0
SAR is incremented after a transfer
(by 1 when Sz = 0; by 2 when Sz = 1)
1
SAR is decremented after a transfer
(by 1 when Sz = 0; by 2 when Sz = 1)
Bits 5 and 4—Destination Address Mode 1 and 0 (DM1, DM0): These bits specify whether
DAR is to be incremented, decremented, or left fixed after a data transfer.
Bit 5
Bit 4
DM1
DM0
Description
0
—
DAR is fixed
1
0
DAR is incremented after a transfer
(by 1 when Sz = 0; by 2 when Sz = 1)
1
DAR is decremented after a transfer
(by 1 when Sz = 0; by 2 when Sz = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com