Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 227Page - Renesas Technology Corp HD64F2149 Datasheet HTML 228Page - Renesas Technology Corp HD64F2149 Datasheet HTML 229Page - Renesas Technology Corp HD64F2149 Datasheet HTML 230Page - Renesas Technology Corp HD64F2149 Datasheet HTML 231Page - Renesas Technology Corp HD64F2149 Datasheet HTML 232Page - Renesas Technology Corp HD64F2149 Datasheet HTML 233Page - Renesas Technology Corp HD64F2149 Datasheet HTML 234Page - Renesas Technology Corp HD64F2149 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 203 of 1044
REJ09B0280-0300
Expanded Modes
Single-Chip Mode
Port
Description
Pins
Mode 1
Mode 2, Mode 3
(EXPE = 1)
Mode 2, Mode 3
(EXPE = 0)
Port B • 8-bit I/O
port
PB7/D7/
WUE7
PB6/D6/
WUE6
PB5/D5/
WUE5
PB4/D4/
WUE4
PB3/D3/
WUE3/
CS4
PB2/D2/
WUE2/
CS3
PB1/D1/
WUE1/
HIRQ4/LSCI
PB0/D0/
WUE0/
HIRQ3/
LSMI
In 8-bit bus mode (ABW = 1):
I/O port also functioning as
wakeup event interrupt input
(
WUE7 to WUE0)
In 16-bit bus mode (ABW = 0):
data bus input/output (D7 to
D0)
I/O port also functioning
as host interface (XBS)
control input/output
(
CS3, CS4, HIRQ3,
HIRQ4), host interface
(LPC) control
input/output (LSCI,
LSMI), and wakeup
event interrupt input
(
WUE7 to WUE0)
8.2
Port 1
8.2.1
Overview
Port 1 is an 8-bit I/O port. Port 1 pins also function as address bus output function, and as 8-bit
PWM output pins (PW7 to PW0). Port 1 functions change according to the operating mode. Port 1
has a built-in MOS input pull-up function that can be controlled by software.
Figure 8.1 shows the port 1 pin configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com