Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 243Page - Renesas Technology Corp HD64F2149 Datasheet HTML 244Page - Renesas Technology Corp HD64F2149 Datasheet HTML 245Page - Renesas Technology Corp HD64F2149 Datasheet HTML 246Page - Renesas Technology Corp HD64F2149 Datasheet HTML 247Page - Renesas Technology Corp HD64F2149 Datasheet HTML 248Page - Renesas Technology Corp HD64F2149 Datasheet HTML 249Page - Renesas Technology Corp HD64F2149 Datasheet HTML 250Page - Renesas Technology Corp HD64F2149 Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 219 of 1044
REJ09B0280-0300
8.4.3
Pin Functions in Each Mode
Mode 1, modes 2 and 3 (EXPE = 1): In mode 1, modes 2 and 3 (when EXPE = 1), port 3 pins
automatically function as data I/O pins. It is recommended that all the host interface enable bits
multiplexed as port 3 bits in single-chip mode (bit HI12E in SYSCR2 and bits LPC3E to LPC1E
in HICR0) be cleared to 0. The port 3 pin functions are shown in figure 8.10.
D15 (I/O)
D14 (I/O)
D13 (I/O)
D12 (I/O)
D11(I/O)
D10 (I/O)
D9 (I/O)
D8 (I/O)
Port 3
Figure 8.10 Port 3 Pin Functions (Modes 1 to 3 (EXPE = 1))
Modes 2 and 3 (EXPE = 0): In modes 2 and 3 (when EXPE = 0), port 3 functions as host
interface (LPC) I/O pins (SERIRQ, LCLK,
LRESET, LFRAME, LAD3 to LAD0), as host
interface (XBS) data bus I/O pins (HDB7 to HDB0), or as an I/O port. The priority order for pin
function settings is: LPC, XBS, I/O port.
When at least one of bits LPC3E to LPC1E is set to 1 in HICR0, port 3 functions as host interface
(LPC) I/O pins. Even in this state, it is recommended that the HI12E bit be cleared to 0 in
SYSCR2. P3DR and P3DDR should be cleared to H'00.
When the HI12E bit is set to 1 in SYSCR2, port 3 functions as the host interface (XBS) data bus.
In this case, P3DR and P3DDR should be cleared to H'00.
When bits LPC3E to LPC1E and HI12E are all cleared to 0, port 3 functions as an I/O port, and
input or output can be specified on a bit-by-bit basis. When a bit in P3DDR is set to 1, the
corresponding pin functions as an output port, and when cleared to 0, as an input port.
The port 3 pin functions are shown in figure 8.11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com