Electronic Components Datasheet Search
  English  ▼

X  

HD64F2602 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # HD64F2602
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2602 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button HD64F2602 Datasheet HTML 54Page - Renesas Technology Corp HD64F2602 Datasheet HTML 55Page - Renesas Technology Corp HD64F2602 Datasheet HTML 56Page - Renesas Technology Corp HD64F2602 Datasheet HTML 57Page - Renesas Technology Corp HD64F2602 Datasheet HTML 58Page - Renesas Technology Corp HD64F2602 Datasheet HTML 59Page - Renesas Technology Corp HD64F2602 Datasheet HTML 60Page - Renesas Technology Corp HD64F2602 Datasheet HTML 61Page - Renesas Technology Corp HD64F2602 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 492 page
background image
Section 2 CPU
Rev. 1.00 Jan. 21, 2008 Page 26 of 456
REJ09B0425-0100
2.6.1
Table of Instructions Classified by Function
Tables 2.3 to 2.10 summarizes the instructions in each functional category. The notation used in
tables 2.3 to 2.10 is defined below.
Table 2.2
Operation Notation
Symbol
Description
Rd
General register (destination)*
Rs
General register (source)*
Rn
General register*
ERn
General register (32-bit register)
MAC
Multiply-accumulate register (32-bit register)
(EAd)
Destination operand
(EAs)
Source operand
EXR
Extended control register
CCR
Condition-code register
N
N (negative) flag in CCR
Z
Z (zero) flag in CCR
V
V (overflow) flag in CCR
C
C (carry) flag in CCR
PC
Program counter
SP
Stack pointer
#IMM
Immediate data
disp
Displacement
+
Addition
–
Subtraction
×
Multiplication
÷
Division
∧
Logical AND
∨
Logical OR
⊕
Logical XOR
→
Move
¬
NOT (logical complement)
:8/:16/:24/:32
8-, 16-, 24-, or 32-bit length
Note:
*
General registers include 8-bit registers (R0H to R7H, R0L to R7L), 16-bit registers (R0
to R7, E0 to E7), and 32-bit registers (ER0 to ER7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com