Electronic Components Datasheet Search
  English  ▼

X  

HD64F2602 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # HD64F2602
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2602 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button HD64F2602 Datasheet HTML 81Page - Renesas Technology Corp HD64F2602 Datasheet HTML 82Page - Renesas Technology Corp HD64F2602 Datasheet HTML 83Page - Renesas Technology Corp HD64F2602 Datasheet HTML 84Page - Renesas Technology Corp HD64F2602 Datasheet HTML 85Page - Renesas Technology Corp HD64F2602 Datasheet HTML 86Page - Renesas Technology Corp HD64F2602 Datasheet HTML 87Page - Renesas Technology Corp HD64F2602 Datasheet HTML 88Page - Renesas Technology Corp HD64F2602 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 492 page
background image
Section 4 Exception Handling
Rev. 1.00 Jan. 21, 2008 Page 53 of 456
REJ09B0425-0100
4.3
Reset
A reset has the highest exception priority.
When the
RES pin goes low, all processing halts and this LSI enters the reset. To ensure that this
LSI is reset, hold the
RES pin low for at least 20 ms at power-up. To reset the chip during
operation, hold the
RES pin low for at least 20 states. A reset initializes the internal state of the
CPU and the registers of on-chip supporting modules.
The chip can also be reset by overflow of the watchdog timer. For details see section 12,
Watchdog Timer.
The interrupt control mode is 0 immediately after reset.
4.3.1
Reset Exception Handling
When the
RES pin goes high after being held low for the necessary time, this LSI starts reset
exception handling as follows:
1. The internal state of the CPU and the registers of the on-chip supporting modules are
initialized, the T bit is cleared to 0 in EXR, and the I bit is set to 1 in EXR and CCR.
2. The reset exception handling vector address is read and transferred to the PC, and program
execution starts from the address indicated by the PC.
Figures 4.1 and 4.2 show examples of the reset sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com