Electronic Components Datasheet Search
  English  ▼

X  

HD6433045 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # HD6433045
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  905 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433045 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button HD6433045 Datasheet HTML 25Page - Renesas Technology Corp HD6433045 Datasheet HTML 26Page - Renesas Technology Corp HD6433045 Datasheet HTML 27Page - Renesas Technology Corp HD6433045 Datasheet HTML 28Page - Renesas Technology Corp HD6433045 Datasheet HTML 29Page - Renesas Technology Corp HD6433045 Datasheet HTML 30Page - Renesas Technology Corp HD6433045 Datasheet HTML 31Page - Renesas Technology Corp HD6433045 Datasheet HTML 32Page - Renesas Technology Corp HD6433045 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 905 page
background image
Section 1 Overview
Rev. 7.00 Sep 21, 2005 page 5 of 878
REJ09B0259-0700
Feature
Description
Serial
communication
interface (SCI),
2 channels
• Selection of asynchronous or synchronous mode
• Full duplex: can transmit and receive simultaneously
• On-chip baud-rate generator
• Smart card interface functions added (SCI0 only)
A/D converter
• Resolution: 10 bits
• Eight channels, with selection of single or scan mode
• Variable analog conversion voltage range
• Sample-and-hold function
• A/D conversion can be externally triggered
D/A converter
• Resolution: 8 bits
• Two channels
• D/A outputs can be sustained in software standby mode
I/O ports
• 70 input/output pins
• 8 input-only pins
• Seven MCU operating modes
Mode
Address Space
Address Pins
Initial Bus Width
Max. Bus Width
Mode 1
1 Mbyte
A19 to A0
8 bits
16 bits
Mode 2
1 Mbyte
A19 to A0
16 bits
16 bits
Mode 3
16 Mbytes
A23 to A0
8 bits
16 bits
Mode 4
16 Mbytes
A23 to A0
16 bits
16 bits
Mode 5
1 Mbyte
A19 to A0
8 bits
16 bits
Mode 6
16 Mbytes
A23 to A0
8 bits
16 bits
Mode 7
1 Mbyte
—
—
—
Operating
modes
•
On-chip ROM is disabled in modes 1 to 4
Power-down
state
• Sleep mode
• Software standby mode
• Hardware standby mode
• Module standby function
• Programmable system clock frequency division



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com