Electronic Components Datasheet Search
  English  ▼

X  

R8C18 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # R8C18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C18 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button R8C18 Datasheet HTML 56Page - Renesas Technology Corp R8C18 Datasheet HTML 57Page - Renesas Technology Corp R8C18 Datasheet HTML 58Page - Renesas Technology Corp R8C18 Datasheet HTML 59Page - Renesas Technology Corp R8C18 Datasheet HTML 60Page - Renesas Technology Corp R8C18 Datasheet HTML 61Page - Renesas Technology Corp R8C18 Datasheet HTML 62Page - Renesas Technology Corp R8C18 Datasheet HTML 63Page - Renesas Technology Corp R8C18 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 257 page
background image
R8C/18 Group, R8C/19 Group
7. Voltage Detection Circuit
Rev.1.30
Apr 14, 2006
Page 45 of 233
REJ09B0222-0130
Figure 7.6
VW2C Register
Voltage Monitor 2 Circuit Control Register
(1)
Symbol
Address
After Reset(8)
VW2C
0037h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
When the VW2C6 bit is set to 1 (voltage monitor 2 reset mode), set the VW2C7 bit to 1 (w hen VCC reaches Vdet2 or
below ). (Do not set to 0.)
Set the PRC3 bit in the PRCR register to 1 (rew rite enable) before w riting to this register.
When rew riting the VW2C register, the VW2C2 bit may be set to 1. Set the VW2C2 bit to 0 after rew riting the VW2C
register.
When the voltage monitor 2 interrupt is used to exit stop mode and to return again, w rite 0 to the VW2C1bit before
w riting 1.
This bit is enabled w hen the VCA27 bit in the VCA2 register is set to 1 (voltage detection 2 circuit enabled).
Set this bit to 0 by a program. When 0 is w ritten by a program, it is set to 0 (and remains unchanged even if 1 is
w ritten to it).
This bit is enabled w hen the VW2C0 bit is set to 1 (voltage monitor 2 interrupt/enabled reset).
The VW2C0 bit is enabled w hen the VCA27 bit in the VCA2 register is set to 1 (voltage detection 2 circuit
enabled). Set the VW2C0 bit to 0 (disable) w hen the VCA27 bit is set to 0 (voltage detection 2 circuit disabled).
The VW2C7 bit is enabled w hen the VW2C1 bit is set to 1 (digital filter disabled mode).
Bits VW2C2 and VW2C3 remain unchanged after a softw are reset, w atchdog timer reset, or voltage monitor 2
VW2C7
Voltage monitor 2 interrupt/reset
generation condition select bit(7, 9)
0 : When VCC reaches Vdet2 or above.
1 : When VCC reaches Vdet2 or below .
RW
VW2C6
Voltage monitor 2 circuit mode
select bit(5)
0 : Voltage monitor 2 interrupt mode
1 : Voltage monitor 2 reset mode
RW
VW2F1
RW
Sampling clock select bits
b5 b4
0 0 : fRING-S divide by 1
0 1 : fRING-S divide by 2
1 0 : fRING-S divide by 4
1 1 : fRING-S divide by 8
VW2F0
RW
RW
Voltage monitor 2 interrupt/reset
enable bit(6, 10)
VW2C3
WDT detection flag(4, 8)
0 : Not detected
1 : Detected
RW
0 : Digital filter enabled mode
(digital filter circuit enabled)
1 : Digital filter disabled mode
(digital filter circuit disabled)
RW
VW2C2
Voltage change detection flag(3, 4, 8)
VW2C1
Voltage monitor 2 digital filter
disable mode select bit(2)
0 : Disable
1 : Enable
VW2C0
b7 b6 b5 b4
Set the VW2C0 bit to 0 (disabled) w hen the VCA13 bit in the VCA1 register is set to 1 (VCC
≥ Vdet2 or voltage
detection 2 circuit disabled), the VW2C1 bit is set to 1 (digital filter disabled mode), and the VW2C7 bit is set to 0
(w hen VCC reaches Vdet2 or above).
Set the VW2C0 bit to 0 (disabled) w hen the VCA13 bit is set to 0 (VCC < Vdet2), the VW2C1 bit is set to 1 (digital
filter disabled mode), and the VW2C7 bit is set to 1 (w hen VCC reaches Vdet2 or below ).
b2
0 : Not detected
1 : Vdet2 crossing detected
RW
b1 b0
b3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com