Electronic Components Datasheet Search
  English  ▼

X  

R8C18 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # R8C18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C18 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button R8C18 Datasheet HTML 65Page - Renesas Technology Corp R8C18 Datasheet HTML 66Page - Renesas Technology Corp R8C18 Datasheet HTML 67Page - Renesas Technology Corp R8C18 Datasheet HTML 68Page - Renesas Technology Corp R8C18 Datasheet HTML 69Page - Renesas Technology Corp R8C18 Datasheet HTML 70Page - Renesas Technology Corp R8C18 Datasheet HTML 71Page - Renesas Technology Corp R8C18 Datasheet HTML 72Page - Renesas Technology Corp R8C18 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 257 page
background image
R8C/18 Group, R8C/19 Group
10. Clock Generation Circuit
Rev.1.30
Apr 14, 2006
Page 54 of 233
REJ09B0222-0130
Figure 10.1
Clock Generation Circuit
S Q
R
1/2
1/2
1/2
1/2
1/2
S Q
R
HRA00
HRA01 = 1
HRA01 = 0
On-chip oscillator clock
CM14
Voltage
detection
circuit
CPU clock
a
b
c
d
e
OCD2 = 0
OCD2 = 1
Divider
Oscillation
stop
detection
Main clock
XOUT
CM13
CM05
XIN
CM02
WAIT
instruction
CM10 = 1 (stop mode)
a
d
c
h
b
CM06 = 0
CM17 to CM16 = 11b
CM06 = 1
CM06 = 0
CM17 to CM16 = 10b
CM06 = 0
CM17 to CM16 = 01b
CM06 = 0
CM17 to CM16 = 00b
Detail of divider
Oscillation Stop Detection Circuit
Pulse generation
circuit for clock
edge detection and
charge, discharge
control circuit
Main clock
Forcible discharge when OCD0(1) = 0
Charge,
discharge
circuit
Oscillation stop detection
interrupt generation
circuit detection
Watchdog
timer interrupt
OCD2 bit switch signal
CM14 bit switch signal
Oscillation stop detection,
Watchdog timer,
Voltage monitor 2 interrupt
e
g
UART0
Timer C
Timer Z
Timer X
fRING-fast
fRING
fRING-S
g
f1
f2
f4
f8
f32
h
INT0
1/128
fRING128
Watchdog
timer
Comparator
OCD1(1)
NOTE:
1. Set the same value in bits OCD1 and OCD0.
High-speed
on-chip
oscillator
Low-speed
on-chip
oscillator
Power-on
reset circuit
CM02, CM05, CM06: Bits in CM0 register
CM10, CM13, CM14, CM16, CM17: Bits in CM1 register
OCD0, OCD1, OCD2: Bits in OCD register
HRA00, HRA01: Bits in HRA0 register
Voltage monitor
2 interrupt
System clock
HRA1 register
HRA2 register
Frequency adjustable
CM13
UART1
RESET
Power-on reset
Software reset
Interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com